Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJD107016 Datasheet(PDF) 5 Page - AVX Corporation

Part # TAJD107016
Description  Surface Mount Tantalum Capacitors
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJD107016 Datasheet(HTML) 5 Page - AVX Corporation

  TAJD107016 Datasheet HTML 1Page - AVX Corporation TAJD107016 Datasheet HTML 2Page - AVX Corporation TAJD107016 Datasheet HTML 3Page - AVX Corporation TAJD107016 Datasheet HTML 4Page - AVX Corporation TAJD107016 Datasheet HTML 5Page - AVX Corporation TAJD107016 Datasheet HTML 6Page - AVX Corporation TAJD107016 Datasheet HTML 7Page - AVX Corporation TAJD107016 Datasheet HTML 8Page - AVX Corporation TAJD107016 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
4
CASE DIMENSIONS: millimeters (inches)
TAJ
Type
C
Case Code
See table above
106
Capacitance Code
pF code: 1st two
digits represent
significant figures
3rd digit represents
multiplier (number of
zeros to follow)
M
Tolerance
K=±10%
M=±20%
025
Rated DC Voltage
R
Packaging
Consult page 42
for details
**
Additional
characters may be
added for special
requirements
HOW TO ORDER
Code
EIA
W+0.2 (0.008)
L±0.2 (0.008)
H+0.2 (0.008)
W
1±0.2 (0.008)
A+0.3 (0.012)
S Min.
Code
-0.1 (0.004)
-0.1 (0.004)
-0.2 (0.008)
A
3216
1.6 (0.063)
3.2 (0.126)
1.6 (0.063)
1.2 (0.047)
0.8 (0.031)
1.1 (0.043)
B
3528
2.8 (0.110)
3.5 (0.138)
1.9 (0.075)
2.2 (0.087)
0.8 (0.031)
1.4 (0.055)
C
6032
3.2 (0.126)
6.0 (0.236)
2.6 (0.102)
2.2 (0.087)
1.3 (0.051)
2.9 (0.114)
D
7343
4.3 (0.169)
7.3 (0.287)
2.9 (0.114)
2.4 (0.094)
1.3 (0.051)
4.4 (0.173)
E
7343H
4.3 (0.169)
7.3 (0.287)
4.1 (0.162)
2.4 (0.094)
1.3 (0.051)
4.4 (0.173)
V
6.1 (0.240)
7.3 (0.287)
3.45±0.3
3.1 (0.120)
1.4 (0.055)
3.4 (0.133)
(0.136±0.012)
W1 dimension applies to the termination width for A dimensional area only.
The TAJ standard series encompasses
the five key sizes recognized by major
OEMs throughout the world. The V case
size has been added to the TAJ range
to allow high CVs to be offered. The
operational temperature is -55°C to
+85°C at rated voltage and up to +125°C
with voltage derating in applications
utilizing recommended series resistance.
TAJ is available in standard and extended
ranges.
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.1µF to 470µF
Capacitance Tolerance:
±20%; ±10%
Rated Voltage (V
R)
+85°C:
2
4
6.3
10
16
20
25
35
50
Category Voltage (V
C)
+125°C:
1.3
2.7
4
7
10
13
17
23
33
Surge Voltage (V
S)
+85°C:
2.7
5.2
8
13
20
26
32
46
65
Surge Voltage (V
S)
+125°C:
1.7
3.2
5
8
12
16
20
28
40
Temperature Range:
-55°C to +125°C
Environmental Classification:
55/125/56 (IEC 68-2)
Reliability
1% per 1000h at 85°C with a 0.1
Ω/V series impedance, 60% confidence level
Qualification
CECC 30801 - 005 issue 1
EIA 535BAAC
TAJ Series
TECHNICAL SPECIFICATIONS


Similar Part No. - TAJD107016

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJD107016NJ AVX-TAJD107016NJ Datasheet
117Kb / 5P
   Standard Tantalum
More results

Similar Description - TAJD107016

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
T493D227K006CH612A KEMET-T493D227K006CH612A Datasheet
3Mb / 61P
   Tantalum Surface Mount Capacitors
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com