Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD5802N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD5802N
Description  Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD5802N Datasheet(HTML) 4 Page - ON Semiconductor

  NTD5802N Datasheet HTML 1Page - ON Semiconductor NTD5802N Datasheet HTML 2Page - ON Semiconductor NTD5802N Datasheet HTML 3Page - ON Semiconductor NTD5802N Datasheet HTML 4Page - ON Semiconductor NTD5802N Datasheet HTML 5Page - ON Semiconductor NTD5802N Datasheet HTML 6Page - ON Semiconductor NTD5802N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTD5802N, NVD5802N
http://onsemi.com
4
TYPICAL PERFORMANCE CHARACTERISTICS
7 V
100
1000
10000
100000
2
6
10
14
18
22
26
30
34
38
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance vs. Drain Current
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0
50
100
150
200
23
456
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.010
0.011
0.012
0.013
0.014
0.015
30
50
70
90
110
130
150
170
190
VGS = 5 V
TJ = 25°C
VGS = 10 V
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
−50 −25
0
25
50
75
100 125 150 175
ID = 50 A
VGS = 10 V
VGS = 0 V
TJ = 150°C
TJ = 100°C
0
20
100
140
200
01
2
5
6
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
34
40
60
80
120
160
180
TJ = 25°C
VGS = 5 V
10 V
6 V
4 V
4.5 V
4.2 V
3.8 V
3.6 V
ID, DRAIN CURRENT (A)
TJ = 150°C
TJ = −55°C
VGS = 10 V
0.002
0.006
0.010
10
30
70
150
190
90
130
0.004
0.008
TJ = 25°C
50
110
170


Similar Part No. - NTD5802N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
NTD5802N ONSEMI-NTD5802N Datasheet
107Kb / 7P
   Power MOSFET
August, 2014 ??Rev. 7
logo
SHENZHEN DOINGTER SEMIC...
NTD5802N DOINGTER-NTD5802N Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
SHIKUES Electronics
NTD5802NS SKTECHNOLGY-NTD5802NS Datasheet
1Mb / 5P
   N-Channel 40V(D-S) MOSFET
logo
ON Semiconductor
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
107Kb / 7P
   Power MOSFET
August, 2014 ??Rev. 7
More results

Similar Description - NTD5802N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NVD5890NT4G ONSEMI-NVD5890NT4G Datasheet
116Kb / 7P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
January, 2012 ??Rev. 1
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD5803N ONSEMI-NTD5803N Datasheet
111Kb / 6P
   Power MOSFET 40 V, 76 A, Single N?묬hannel, DPAK
December, 2008 ??Rev. 0
NTD5406N ONSEMI-NTD5406N Datasheet
133Kb / 5P
   Power MOSFET 40 V, 70 A, Single N?묬hannel, DPAK
May, 2009 ??Rev. 2
NTD5805N ONSEMI-NTD5805N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 51 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NVD5803N ONSEMI-NVD5803N Datasheet
106Kb / 6P
   Power MOSFET 40 V, 85 A, Single N?묬hannel, DPAK
April, 2010 ??Rev. 0
NVD5890N ONSEMI-NVD5890N Datasheet
217Kb / 8P
   Power MOSFET 40 V, 123 A, Single N?묬hannel DPAK
May, 2017 ??Rev. 2
NTD5806N ONSEMI-NTD5806N Datasheet
140Kb / 7P
   Power MOSFET 40 V, 33 A, Single N?묬hannel, DPAK/IPAK
February, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com