Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ31506HRUQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ31506HRUQR
Description  6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31506HRUQR Datasheet(HTML) 1 Page - Texas Instruments

  LMZ31506HRUQR Datasheet HTML 1Page - Texas Instruments LMZ31506HRUQR Datasheet HTML 2Page - Texas Instruments LMZ31506HRUQR Datasheet HTML 3Page - Texas Instruments LMZ31506HRUQR Datasheet HTML 4Page - Texas Instruments LMZ31506HRUQR Datasheet HTML 5Page - Texas Instruments LMZ31506HRUQR Datasheet HTML 6Page - Texas Instruments LMZ31506HRUQR Datasheet HTML 7Page - Texas Instruments LMZ31506HRUQR Datasheet HTML 8Page - Texas Instruments LMZ31506HRUQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
Output Current (A)
PVIN = VIN = 5 V
PVIN = VIN = 12 V
VOUT = 3.3 V
fSW = 630 kHz
LMZ31506H
PWRGD
SENSE+
VOUT
VIN
PVIN
INH/UVLO
RT/CLK
VADJ
SS/TR
STSEL
AGND
PGND
C
IN
RSET
COUT
VOUT
VIN
LMZ31506H
www.ti.com
SNVS996 – JULY 2013
6A SIMPLE SWITCHER® Power Module with 4.5V-14.5V Input in QFN Package
Check for Samples: LMZ31506H
1
FEATURES
DESCRIPTION
2
Complete Integrated Power Solution Allows
The
LMZ31506H
SIMPLE
SWITCHER®
power
Small Footprint, Low-Profile Design
module is an easy-to-use integrated power solution
9mm x 15mm x 2.8mm package
that combines a 6-A DC-to-DC converter with power
Efficiencies Up To 96%
MOSFETs, a shielded inductor, and passives into a
low profile, QFN package. This total power solution
Wide-Output Voltage Adjust
allows as few as 3 external components and
1.2 V to 5.5 V, with 1% Reference Accuracy
eliminates the loop compensation and magnetics part
Optional Split Power Rail allows
selection process.
input voltage down to 1.7 V
The 9×15×2.8 mm QFN package is easy to solder
Adjustable Switching Frequency
onto a printed circuit board and allows a compact
(480 kHz to 780 kHz)
point-of-load design with greater than 90% efficiency
Synchronizes to an External Clock
and excellent power dissipation with a thermal
impedance of 13°C/W junction to ambient. The
Adjustable Slow-Start
device delivers the full 6-A rated output current at
Output Voltage Sequencing / Tracking
85°C ambient temperature without airflow.
Power Good Output
The LMZ31506H offers the flexibility and the feature-
Programmable Undervoltage Lockout (UVLO)
set of a discrete point-of-load design and is ideal for
Output Overcurrent Protection
powering performance DSPs and FPGAs. Advanced
packaging technology afford a robust and reliable
Over Temperature Protection
power
solution
compatible
with
standard
QFN
Pre-bias Output Start-up
mounting and testing techniques.
Operating Temperature Range: –40°C to 85°C
SIMPLIFIED APPLICATION
Enhanced Thermal Performance: 13°C/W
Meets EN55022 Class B Emissions
- Integrated Shielded Inductor
APPLICATIONS
Broadband & Communications Infrastructure
Automated Test and Medical Equipment
Compact PCI / PCI Express / PXI Express
DSP and FPGA Point of Load Applications
High Density Distributed Power Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMZ31506HRUQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31506HRUQR TI1-LMZ31506HRUQR Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results

Similar Description - LMZ31506HRUQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com