Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430TCH5EPW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430TCH5EPW
Description  Haptics-Enabled Mixed-Signal Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430TCH5EPW Datasheet(HTML) 8 Page - Texas Instruments

Back Button MSP430TCH5EPW Datasheet HTML 4Page - Texas Instruments MSP430TCH5EPW Datasheet HTML 5Page - Texas Instruments MSP430TCH5EPW Datasheet HTML 6Page - Texas Instruments MSP430TCH5EPW Datasheet HTML 7Page - Texas Instruments MSP430TCH5EPW Datasheet HTML 8Page - Texas Instruments MSP430TCH5EPW Datasheet HTML 9Page - Texas Instruments MSP430TCH5EPW Datasheet HTML 10Page - Texas Instruments MSP430TCH5EPW Datasheet HTML 11Page - Texas Instruments MSP430TCH5EPW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
MSP430TCH5E
SLAS895 – DECEMBER 2013
www.ti.com
Table 2. Terminal Functions (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PW28
RHB32
RST/
Reset
NMI/
24
23
I
Nonmaskable interrupt input
SBWTDIO
Spy-Bi-Wire test data input/output during programming and test
TEST/
Selects test mode for JTAG pins on Port 1. The device protection fuse is
connected to TEST.
25
24
I
SBWTCK
Spy-Bi-Wire test clock input during programming and test
AVCC
NA
29
NA
Analog supply voltage
DVCC
1
30
NA
Digital supply voltage
DVSS
28
27, 28
NA
Ground reference
NC
NA
8, 32
NA
Not connected
QFN Pad
NA
Pad
NA
QFN package pad. Connection to VSS is recommended.
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E Community
TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration among engineers. At e2e.ti.com, you
can ask questions, share knowledge, explore ideas, and help solve problems with fellow engineers.
TI Embedded Processors Wiki
Texas Instruments Embedded Processors Wiki. Established to help developers get started with embedded
processors from Texas Instruments and to foster innovation and growth of general knowledge about the
hardware and software surrounding these devices.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: MSP430TCH5E


Similar Part No. - MSP430TCH5EPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430TCH5EPWR TI1-MSP430TCH5EPWR Datasheet
856Kb / 68P
[Old version datasheet]   Haptics-Enabled Mixed-Signal Microcontroller
More results

Similar Description - MSP430TCH5EPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430TCH5E TI1-MSP430TCH5E_14 Datasheet
856Kb / 68P
[Old version datasheet]   Haptics-Enabled Mixed-Signal Microcontroller
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com