Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1151LRGER Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1151LRGER
Description  11.3 Gbps Low-Power Laser Diode Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1151LRGER Datasheet(HTML) 5 Page - Texas Instruments

  ONET1151LRGER Datasheet HTML 1Page - Texas Instruments ONET1151LRGER Datasheet HTML 2Page - Texas Instruments ONET1151LRGER Datasheet HTML 3Page - Texas Instruments ONET1151LRGER Datasheet HTML 4Page - Texas Instruments ONET1151LRGER Datasheet HTML 5Page - Texas Instruments ONET1151LRGER Datasheet HTML 6Page - Texas Instruments ONET1151LRGER Datasheet HTML 7Page - Texas Instruments ONET1151LRGER Datasheet HTML 8Page - Texas Instruments ONET1151LRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
ONET1151L
www.ti.com
SLLSEI7 – DECEMBER 2013
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
–0.3
4.0
VADR0, VADR1, VDIS, VRZTC,
Voltage at ADR0, ADR1, DIS, RZTC, SCK, SDA, DIN+, DIN–,
–0.3
4.0
V
VSCK, VSDA, VDIN+, VDIN–, VFLT, FLT, MONB, MONP, COMP, PD, BIAS, MOD+, MOD–
(2)
VMONB, VMONP, VCOMP, VPD,
VBIAS, VMOD+, VMOD–
IDIN–, IDIN+
Max current at input pins
25
mA
IMOD+, IMOD–
Max current at output pins
120
ESD
ESD rating at all pins
2
kV (HBM)
TJ
Maximum junction temperature
125
TSTG
Storage temperature range
–65
150
°C
TC
Case temperature
–40
110
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2.8
3.3
3.63
VIH
Digital input high voltage
DIS, SCK, SDA, ADR0, ADR1
2
V
VIL
Digital input low voltage
DIS, SCK, SDA
0.8
Photodiode current range
Control bit PDRNG = 1X, step size = 3 µA
3 080
Control bit PDRNG = 01, step size = 1.5 µA
1 540
µA
Control bit PDRNG = 00, step size = 0.75 µA
770
RRZTC
Zero TC resistor value(1)
1.16-V band-gap bias across resistor, E96, 1%
28.4
28.7
29
k
Ω
accuracy
vIN
Differential input voltage swing
150
1200
mVp-p
TC
Temperature at the thermal pad
–40
100
°C
(1)
Changing the value will alter the DAC ranges.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ONET1151L


Similar Part No. - ONET1151LRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1151M TI-ONET1151M Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
ONET1151MRGTR TI-ONET1151MRGTR Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
ONET1151MRGTT TI-ONET1151MRGTT Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1151P TI-ONET1151P Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
More results

Similar Description - ONET1151LRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2843 AD-ADN2843 Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com