Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430TCH5ERHBR Datasheet(PDF) 6 Page - Texas Instruments

Part # MSP430TCH5ERHBR
Description  Haptics-Enabled Mixed-Signal Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430TCH5ERHBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430TCH5ERHBR Datasheet HTML 2Page - Texas Instruments MSP430TCH5ERHBR Datasheet HTML 3Page - Texas Instruments MSP430TCH5ERHBR Datasheet HTML 4Page - Texas Instruments MSP430TCH5ERHBR Datasheet HTML 5Page - Texas Instruments MSP430TCH5ERHBR Datasheet HTML 6Page - Texas Instruments MSP430TCH5ERHBR Datasheet HTML 7Page - Texas Instruments MSP430TCH5ERHBR Datasheet HTML 8Page - Texas Instruments MSP430TCH5ERHBR Datasheet HTML 9Page - Texas Instruments MSP430TCH5ERHBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
MSP430TCH5E
SLAS895 – DECEMBER 2013
www.ti.com
Table 2. Terminal Functions
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PW28
RHB32
P1.0/
General-purpose digital I/O pin
TA0CLK/
Timer0_A, clock signal TACLK input
ACLK/
2
31
I/O
ACLK signal output
A0
ADC10 analog input A0
CA0
Comparator_A+, CA0 input
P1.1/
General-purpose digital I/O pin
TA0.0/
Timer0_A, capture: CCI0A input, compare: Out0 output / BSL transmit
UCA0RXD/
USCI_A0 receive data input in UART mode,
3
1
I/O
UCA0SOMI/
USCI_A0 slave data out/master in SPI mode
A1/
ADC10 analog input A1
CA1
Comparator_A+, CA1 input
P1.2/
General-purpose digital I/O pin
TA0.1/
Timer0_A, capture: CCI1A input, compare: Out1 output
UCA0TXD/
USCI_A0 transmit data output in UART mode,
4
2
I/O
UCA0SIMO/
USCI_A0 slave data in/master out in SPI mode,
A2/
ADC10 analog input A2
CA2
Comparator_A+, CA2 input
P1.3/
General-purpose digital I/O pin
ADC10CLK/
ADC10, conversion clock output
A3/
ADC10 analog input A3
5
3
I/O
VREF-/VEREF-/
ADC10 negative reference voltage
CA3/
Comparator_A+, CA3 input
CAOUT
Comparator_A+, output
P1.4/
General-purpose digital I/O pin
SMCLK/
SMCLK signal output
UCB0STE/
USCI_B0 slave transmit enable
UCA0CLK/
USCI_A0 clock input/output
6
4
I/O
A4/
ADC10 analog input A4
VREF+/VEREF+
ADC10 positive reference voltage
/
CA4/
Comparator_A+, CA4 input
TCK
JTAG test clock, input terminal for device programming and test
P1.5/
General-purpose digital I/O pin
TA0.0/
Timer0_A, compare: Out0 output / BSL receive
UCB0CLK/
USCI_B0 clock input/output,
UCA0STE/
7
5
I/O
USCI_A0 slave transmit enable
A5/
ADC10 analog input A5
CA5/
Comparator_A+, CA5 input
TMS
JTAG test mode select, input terminal for device programming and test
P1.6/
General-purpose digital I/O pin
TA0.1/
Timer0_A, compare: Out1 output
A6/
ADC10 analog input A6
CA6/
22
21
I/O
Comparator_A+, CA6 input
UCB0SOMI/
USCI_B0 slave out/master in SPI mode,
UCB0SCL/
USCI_B0 SCL I2C clock in I2C mode
TDI/TCLK
JTAG test data input or test clock input during programming and test
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: MSP430TCH5E


Similar Part No. - MSP430TCH5ERHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430TCH5ERHBR TI1-MSP430TCH5ERHBR Datasheet
856Kb / 68P
[Old version datasheet]   Haptics-Enabled Mixed-Signal Microcontroller
More results

Similar Description - MSP430TCH5ERHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430TCH5E TI1-MSP430TCH5E_14 Datasheet
856Kb / 68P
[Old version datasheet]   Haptics-Enabled Mixed-Signal Microcontroller
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com