Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET1151LRGET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ONET1151LRGET
Description  11.3 Gbps Low-Power Laser Diode Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET1151LRGET Datasheet(HTML) 3 Page - Texas Instruments

  ONET1151LRGET Datasheet HTML 1Page - Texas Instruments ONET1151LRGET Datasheet HTML 2Page - Texas Instruments ONET1151LRGET Datasheet HTML 3Page - Texas Instruments ONET1151LRGET Datasheet HTML 4Page - Texas Instruments ONET1151LRGET Datasheet HTML 5Page - Texas Instruments ONET1151LRGET Datasheet HTML 6Page - Texas Instruments ONET1151LRGET Datasheet HTML 7Page - Texas Instruments ONET1151LRGET Datasheet HTML 8Page - Texas Instruments ONET1151LRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
ONET1151L
www.ti.com
SLLSEI7 – DECEMBER 2013
Table 1. PIN DESCRIPTION (continued)
MONP
14
Analog-out
Photodiode current monitor. Sources a 12.5% replica of the photodiode current when
PDRNG = 1X, a 25% replica when PDRNG = 01, and a 50% replica when PDRNG = 00.
Connect an external resistor (5-k
Ω typical) to ground (GND) to use the analog monitor
(DMONP = 0). If the voltage at this pin exceeds 1.16 V, a fault is triggered when MONPFLT
= 1. If the digital monitor function is used (DMONP = 1), the resistor must be removed.
PD
1
Analog
Photodiode input. Pin can source or sink current dependent on register setting.
RZTC
12
Analog
Connect external zero TC 28.7-k
Ω resistor to ground (GND). Used to generate a defined
zero TC reference current for internal DACs.
SCK
5
Digital-in
2-wire interface serial clock input. Includes a 10-k
Ω or 40-kΩ pullup resistor to VCC.
SDA
6
Digital-in
2-wire interface serial data input. Includes a 10-k
Ω or 40-kΩ pullup resistor to VCC.
VCC
16, 19, 24
Supply
3.3-V, –15% to +10% supply voltage
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ONET1151L


Similar Part No. - ONET1151LRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1151M TI-ONET1151M Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
ONET1151MRGTR TI-ONET1151MRGTR Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
ONET1151MRGTT TI-ONET1151MRGTT Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1151P TI-ONET1151P Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
More results

Similar Description - ONET1151LRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
logo
Analog Devices
ADN2843 AD-ADN2843_15 Datasheet
335Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2843 AD-ADN2843 Datasheet
710Kb / 12P
   10.709 Gbps Laser Diode Driver Chipset
REV. 0
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com