Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8551T Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ONET8551T
Description  11.3-Gbps Limiting Transimpedance Amplifier With RSSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET8551T Datasheet(HTML) 2 Page - Texas Instruments

  ONET8551T Datasheet HTML 1Page - Texas Instruments ONET8551T Datasheet HTML 2Page - Texas Instruments ONET8551T Datasheet HTML 3Page - Texas Instruments ONET8551T Datasheet HTML 4Page - Texas Instruments ONET8551T Datasheet HTML 5Page - Texas Instruments ONET8551T Datasheet HTML 6Page - Texas Instruments ONET8551T Datasheet HTML 7Page - Texas Instruments ONET8551T Datasheet HTML 8Page - Texas Instruments ONET8551T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VCC_IN
GND
OUT+
GND
RSSI_IB
OUT±
GND
GND
VCC_OUT
RSSI_EB
1
2
3
6
8
4
7
5
14
13
12
16
9
10
15
18
11
8551T
17
20 19
ONET8551T
SLLSEI5 – OCTOBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Bond Pad Assignment of ONET8551T
(TOP VIEW)
Figure 1. The ONET8551T is available in die form. Bond pad locations are shown in this top view.
Table 1. BOND PAD DESCRIPTION
Pad
Symbol
Type
Description
1, 3, 6, 10, 14,
GND
Supply
Circuit ground. All GND pads are connected on die. Bonding all pads is optional. However,
16, 18, 19
for optimum performance, a good ground connection is mandatory.
2
OUT+
Analog output
Non-inverted CML data output; on-chip 50-
Ω back-terminated to VCC
4
VCC_OUT Supply
2.8-V to 3.63-V supply voltage for AGC amplifier
5
VCC_IN
Supply
2.8-V to 3.63-V supply voltage for input TIA stage
7, 9
FILTER
Analog
Bias voltage for photodiode cathode
8
IN
Analog input
Data input to TIA (photodiode anode)
11
NC
No connect
Do not connect
12
RSSI_IB
Analog output
Analog output current is proportional to the input data amplitude. It indicates the strength of
the received signal (RSSI), if the photodiode is biased from the TIA. Connected to an external
resistor to ground (GND). For proper operation, ensure that the voltage at the RSSI pad does
not exceed VCC – 0.65 V. Leave this pad open if the RSSI feature is not used.
13
RSSI_EB
Analog output
Optional use when operated with external PD bias (e.g. APD). Analog output current
proportional to the input data amplitude. Indicates the strength of the received signal (RSSI).
Connected to an external resistor to ground (GND). For proper operation, ensure that the
voltage at the RSSI pad does not exceed VCC – 0.65 V. Leave this pad open if the RSSI
feature is not used.
15
OUT–
Analog output
Inverted CML data output; on-chip 50-
Ω back-terminated to VCC.
17
BW1
Digital input
Bandwidth adjustment. Ground the pad to increase the bandwidth. Internally pulled-up to VCC
20
BW0
Digital input
Bandwidth adjustment. Ground the pad to increase the bandwidth. Internally pulled-up to VCC
Back-side of
GND
Supply
Conductive epoxy must be used to attach the die to ground.
die
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: ONET8551T


Similar Part No. - ONET8551T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8551T TI1-ONET8551T Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
ONET8551TY TI1-ONET8551TY Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
ONET8551TYS4 TI1-ONET8551TYS4 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
ONET8551TYS9 TI1-ONET8551TYS9 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
More results

Similar Description - ONET8551T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI1-ONET8531T_17 Datasheet
329Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com