Electronic Components Datasheet Search |
|
LM4041QEIM3-1.2NO Datasheet(PDF) 4 Page - Texas Instruments |
|
LM4041QEIM3-1.2NO Datasheet(HTML) 4 Page - Texas Instruments |
4 / 34 page LM4041-N, LM4041-N-Q1 SNOS641F – OCTOBER 1999 – REVISED JULY 2013 www.ti.com LM4041-N/LM4041-N-Q1 1.2 Electrical Characteristics (Industrial Temperature Range) (continued) Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = 25°C. The grades A and B designate initial Reverse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively. Symbol Parameter Conditions Typical(1) LM4041AIM3 LM4041BIM3 Units LM4041QAIM3 LM4041QBIM3 (Limit) LM4041AIM3 LM4041BIZ LM4041AIZ LM4041BIM7 Limits(2) Limits(2) ΔVR/ΔIR Reverse Breakdown Voltage IRMIN ≤ IR ≤ 1 mA 0.7 mV Change with Operating 1.5 1.5 mV (max) Current Change(4) 2.0 2.0 mV (max) 1 mA ≤ IR ≤ 12 mA 4.0 mV 6.0 6.0 mV (max) 8.0 8.0 mV (max) ZR Reverse Dynamic Impedance IR = 1 mA, f = 120 Hz, 0.5 Ω IAC= 0.1 IR 1.5 1.5 Ω (max) eN Wideband Noise IR = 100 μA 20 μVrms 10 Hz ≤ f ≤ 10 kHz ΔVR Reverse Breakdown Voltage t = 1000 hrs Long Term Stability T = 25°C ±0.1°C 120 ppm IR = 100 μA VHYST Thermal Hysteresis(5) ΔT = −40°C to 0.08 % +125°C (4) Load regulation is measured on pulse basis from no load to the specified load current. Ouput changes due to die temperature change must be taken into account separately.- (5) Thermal hysteresis is defined as the difference in voltage measured at +25°C after cycling to temperature -40°C and the 25°C measurement after cycling to temperature +125°C. 4 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM4041-N, LM4041-N-Q1 |
Similar Part No. - LM4041QEIM3-1.2NO |
|
Similar Description - LM4041QEIM3-1.2NO |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |