Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3503 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # 3503
Description  RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3503 Datasheet(HTML) 7 Page - Allegro MicroSystems

  3503 Datasheet HTML 1Page - Allegro MicroSystems 3503 Datasheet HTML 2Page - Allegro MicroSystems 3503 Datasheet HTML 3Page - Allegro MicroSystems 3503 Datasheet HTML 4Page - Allegro MicroSystems 3503 Datasheet HTML 5Page - Allegro MicroSystems 3503 Datasheet HTML 6Page - Allegro MicroSystems 3503 Datasheet HTML 7Page - Allegro MicroSystems 3503 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3503
RATIOMETRIC,
LINEAR
HALL-EFFECT SENSORS
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
UGN3503UA
Dwg. MH-014D mm
4.17
4.04
1.57
1.47
0.38
1.27
BSC
45
°
16.26
15.24
0.41
2.16
MAX
45
°
0.79
123
3.10
2.97
SEE NOTE
Dwg. MH-014D in
0.164
0.159
0.062
0.058
0.015
0.050
BSC
45
°
0.640
0.600
0.016
0.085
MAX
45
°
0.031
123
0.122
0.117
SEE NOTE
NOTES: 1. Tolerances on package height and width represent allowable mold offsets.
Dimensions given are measured at the widest point (parting line).
2. Exact body and lead configuration at vendor’s option within limits shown.
3. Height does not include mold gate flash.
4. Minimum lead length was 0.500" (12.70 mm). If existing product to the original specifications is not acceptable,
contact sales office before ordering.


Similar Part No. - 3503

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
3503 PEREGRINE-3503 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
3503-00 PEREGRINE-3503-00 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
3503-21 PEREGRINE-3503-21 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
3503-22 PEREGRINE-3503-22 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
3503-51 PEREGRINE-3503-51 Datasheet
162Kb / 7P
   3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
More results

Similar Description - 3503

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3503 ALLEGRO-A3503 Datasheet
150Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS
A1301 ALLEGRO-A1301 Datasheet
293Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
A1301 ALLEGRO-A1301_06 Datasheet
267Kb / 8P
   Continuous-Time Ratiometric Linear Hall Effect Sensors
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
[Old version datasheet]   Ratiometric Linear Hall Effect Sensor
logo
Allegro MicroSystems
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com