Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1607689 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1607689
Description  Industrial Circular Connectors
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1607689 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1607689 Datasheet HTML 1Page - PHOENIX CONTACT 1607689 Datasheet HTML 2Page - PHOENIX CONTACT 1607689 Datasheet HTML 3Page - PHOENIX CONTACT 1607689 Datasheet HTML 4Page - PHOENIX CONTACT 1607689 Datasheet HTML 5Page - PHOENIX CONTACT 1607689 Datasheet HTML 6Page - PHOENIX CONTACT 1607689 Datasheet HTML 7Page - PHOENIX CONTACT 1607689 Datasheet HTML 8Page - PHOENIX CONTACT 1607689 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
4
PHOENIX CONTACT
Ø2,7
M2,5
Modular Signal Connectors – PLUSCON circular
M23 – RC Series
Cable connectors and cable connecting receptacles,
straight, shielded
• Push the adapter (1), the union nut (2) and the sealing
element (4) with the gasket (3) onto the cable.
• Strip the external sheath by 23 mm.
• Detail A: Push back the braided screen such that it
stands out at 90°. With a rotating motion, push the
shielded sleeve (5A) over the foil or cotton braiding
and under the braided screen. Cut the braided screen
flush with the external diameter of the shielded sleeve
(5A).
• Trim the foil, wadding and inner insulation.
Coding groove
• Strip the litz wires by 3.5 mm, twist (and tin plate).
• Solder, crimp or screw the litz wires to the contacts.
• Insert the spacer sleeve (6).
• Guide the insert (7) and spacer sleeve (6) into the
insert sleeve (8), taking care that the desired coding
groove of the insert (7) is introduced into the coding
bar.
• Press in the cable with the shield and sealing unit.
• Screw the adapter (1) as tight as possible.
Coding groove
• Push the adapter (1), the union nut (2) and the seal-
ing element (4) with the gasket (3) onto the cable.
• Strip the external sheath by 23 mm.
• Push back the braided screen such that it stands out
at 90° and cut it flush with the outer diameter of the
shield disc (5).
• Trim the foil, wadding and inner insulation.
• Strip the litz wires by 3.5 mm, twist (and tin plate).
• Solder, crimp or screw the litz wires to the contacts.
• Insert the spacer sleeve (6).
• Guide the insert (7) and spacer sleeve (6) into the
insert sleeve (8), taking care that the desired coding
groove of the insert (7) is introduced into the coding
bar.
• Press in the cable with the shield and sealing unit.
• Screw the adapter (1) as tight as possible.
Attention: The required torque must not increase by
more than 10 Nm during this process, as this can
effect the free movement of the union nut.
Please note: torque for screw termination
• max. 0.1 Nm for screw contacts with
mating dia. 1 mm
• max. 0.2 Nm for screw contacts with
mating dia. 2 mm
Please note: torque for screw termination
• max. 0.1 Nm for screw contacts with
mating dia. 1 mm
• max. 0.2 Nm for screw contacts with
mating dia. 2 mm
Cable connectors and cable connecting receptacles with plastic cap,
straight, shielded
Installation dimensions
Cable connecting receptacle for wall mounting
Radial O-ring
RC-0000000B2FZ
(front mounting)
Flat gasket
RC-0000000C0FZ
(rear mounting)
Axial O-ring
RC-0000000Q0FZ
(rear mounting)


Similar Part No. - 1607689

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607682 PHOENIX-1607682 Datasheet
147Kb / 9P
   Cable connector - ST-3ES1N8A8003
09/11/2020
1607683 PHOENIX-1607683 Datasheet
551Kb / 14P
   ST-3ES1N8A8003S - Cable connector
1607684 PHOENIX-1607684 Datasheet
565Kb / 14P
   ST-3ES1N8A8004 - Cable connector
1607685 PHOENIX-1607685 Datasheet
551Kb / 14P
   ST-3ES1N8A8004S - Cable connector
1607688 PHOENIX-1607688 Datasheet
555Kb / 15P
   ST-3ES1N8A9003S - Coupler connector
More results

Similar Description - 1607689

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Lumberg
0137 LUMBERG-0137 Datasheet
784Kb / 3P
   DIN circular connectors
MP-371 LUMBERG-MP-371 Datasheet
570Kb / 3P
   Miniature circular connectors
logo
List of Unclassifed Man...
R03 ETC2-R03 Datasheet
616Kb / 2P
   Miniature Circular Connectors
ER03 ETC-ER03 Datasheet
1Mb / 8P
   Miniature Circular Connectors
logo
Lumberg
MJ-372 LUMBERG-MJ-372 Datasheet
561Kb / 3P
   Miniature circular connectors
010599 LUMBERG-010599 Datasheet
459Kb / 3P
   DIN circular connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
logo
ITT Industries
58286 ITT-58286 Datasheet
326Kb / 31P
   Miniature circular connectors
logo
Lumberg
0121 LUMBERG-0121 Datasheet
768Kb / 3P
   DIN circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com