Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39121411 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 39121411
Description  Fuse modular terminal block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

39121411 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  39121411 Datasheet HTML 1Page - PHOENIX CONTACT 39121411 Datasheet HTML 2Page - PHOENIX CONTACT 39121411 Datasheet HTML 3Page - PHOENIX CONTACT 39121411 Datasheet HTML 4Page - PHOENIX CONTACT 39121411 Datasheet HTML 5Page - PHOENIX CONTACT 39121411 Datasheet HTML 6Page - PHOENIX CONTACT 39121411 Datasheet HTML 7Page - PHOENIX CONTACT 39121411 Datasheet HTML 8Page - PHOENIX CONTACT 39121411 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
https://www.phoenixcontact.com/us/produkte/0920083
11.06.2012   Page 1 / 10
Fuse modular terminal block - USIG - 0920083
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Fuse terminal block, cross section: 0.5 - 16 mm², AWG: 18 - 8, width: 10.2 mm, color: black
The illustration shows a
combination of versions USIG
and ST1-SILED 24
Key commercial data
Packing unit
1
Minimum order quantity
50
Catalog page
Page 442 (CL1-2011)
GTIN
Custom tariff number
85363010
Country of origin
GERMANY
Technical data
General
Number of levels
1
Number of connections
2
Color
black
Insulating material
PA
Inflammability class according to UL 94
V2
Dimensions
Width
10.2 mm
Length
61 mm
Height NS 35/7.5
51.6 mm
Height NS 35/15
59.1 mm
Height NS 32
59.1 mm
Technical data
Fuse
G / 5 x 20 / 5 x 25 / 5 x 30 / 6.3 x 32
Fuse type
Glass
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III


Similar Part No. - 39121411

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
39121411 PHOENIX-39121411 Datasheet
79Kb / 5P
   Electronic device circuit breaker - ECP-E 10A - 0901002
39121411 PHOENIX-39121411 Datasheet
103Kb / 8P
   Thermomagnetic device circuit breaker - TMC 2 M1 120 16,0A
09/11/2020
39121411 PHOENIX-39121411 Datasheet
44Kb / 2P
   Test adapter - PAI-4-FIX OG - 3034455
39121411 PHOENIX-39121411 Datasheet
159Kb / 9P
   Thermomagnetic device circuit breaker - UT 6-TMC M 10A
09/11/2020
39121411 PHOENIX-39121411 Datasheet
131Kb / 13P
   Fuse modular terminal block - USIG MIT ST-SI
More results

Similar Description - 39121411

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
UK5-HESI PHOENIX-UK5-HESI Datasheet
200Kb / 5P
   Fuse modular terminal block
Dec 19, 2022
0920122 PHOENIX-0920122 Datasheet
127Kb / 10P
   Fuse modular terminal block - USIG BU
3048357 PHOENIX-3048357 Datasheet
132Kb / 10P
   Fuse modular terminal block - USEN 14 N
09/12/2020
3118096 PHOENIX-3118096 Datasheet
163Kb / 13P
   Fuse modular terminal block - UK-SI BU
0711632 PHOENIX-0711632 Datasheet
129Kb / 12P
   Fuse modular terminal block - UKK5 HESILED24(6,3X32)
3050293 PHOENIX-3050293 Datasheet
435Kb / 18P
   Fuse modular terminal block - QTC 2,5-HESI (5X20)
1088498 PHOENIX-1088498 Datasheet
546Kb / 17P
   Fuse modular terminal block - PT 10-FSI/C
01/13/2022
0711629 PHOENIX-0711629 Datasheet
151Kb / 13P
   Fuse modular terminal block - UKK5 HESILA 250(5X20)
3004126 PHOENIX-3004126 Datasheet
169Kb / 14P
   Fuse modular terminal block - UK 5-HESILED 24
3007204 PHOENIX-3007204 Datasheet
158Kb / 13P
   Fuse modular terminal block - UKK 5-HESI (5X20)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com