Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMD6N03R2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMD6N03R2
Description  Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMD6N03R2 Datasheet(HTML) 1 Page - ON Semiconductor

  NTMD6N03R2 Datasheet HTML 1Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 2Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 3Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 4Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 5Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 6Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 7Page - ON Semiconductor NTMD6N03R2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 Semiconductor Components Industries, LLC, 2011
October, 2011 -- Rev. 3
1
Publication Order Number:
NTMD6N03R2/D
NTMD6N03R2,
NVMD6N03R2
Power MOSFET
30 V, 6A,DualN--ChannelSOIC--8
Features
Designed for use in low voltage, high speed switching applications
Ultra Low On--Resistance Provides
Higher Efficiency and Extends Battery Life
-- RDS(on) = 0.024 Ω,VGS = 10 V (Typ)
-- RDS(on) = 0.030 Ω,VGS = 4.5 V (Typ)
Miniature SOIC--8 Surface Mount Package Saves Board Space
Diode is Characterized for Use in Bridge Circuits
Diode Exhibits High Speed, with Soft Recovery
AEC Q101 Qualified -- NVMD6N03R2
These Devices are Pb--Free and are RoHS Compliant
Applications
DC--DC Converters
Computers
Printers
Cellular and Cordless Phones
Disk Drives and Tape Drives
MAXIMUM RATINGS (TJ =25C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain--to--Source Voltage
VDSS
30
Volts
Gate--to--Source Voltage -- Continuous
VGS
20
Volts
Drain Current
-- Continuous @ TA =25C
-- Single Pulse (tp  10 ms)
ID
IDM
6.0
30
Adc
Apk
Total Power Dissipation
@TA =25C(Note 1)
@TA =25C(Note 2)
PD
2.0
1.29
Watts
Operating and Storage Temperature
Range
TJ,Tstg
--55 to
+150
C
Single Pulse Drain--to--Source Avalanche
Energy -- Starting TJ =25C
(VDD =30 Vdc, VGS =5.0 Vdc,
VDS = 20 Vdc, Peak IL =9.0 Apk,
L= 10 mH,RG =25 Ω)
EAS
325
mJ
Thermal Resistance
-- Junction--to--Ambient (Note 1)
-- Junction--to--Ambient (Note 2)
RθJA
62.5
97
C/W
Maximum Lead Temperature for Soldering
Purposes for 10 seconds
TL
260
C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. When surface mounted to an FR4 board using 1 pad size, t  10 s
2. When surface mounted to an FR4 board using 1 pad size, t = steady state
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
D
S
G
N--Channel
D
S
G
VDSS
RDS(ON) Typ
ID Max
30 V
24 mΩ @VGS =10 V
6.0 A
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SOIC--8
CASE 751
STYLE 11
MARKING DIAGRAM &
PIN ASSIGNMENT
E6N03 = Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb--Free Package
E6N03
AYWW G
G
1
8
1
8
S1 G1 S2 G2
D1 D1 D2 D2
(Note: Microdot may be in either location)
NTMD6N03R2G
SOIC--8
(Pb--Free)
2500 / Tape &
Reel
NVMD6N03R2G
SOIC--8
(Pb--Free)
2500 / Tape &
Reel


Similar Part No. - NTMD6N03R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD6N03R2 ONSEMI-NTMD6N03R2 Datasheet
74Kb / 8P
   Power MOSFET
February, 2006 ??Rev. 2
NTMD6N03R2 ONSEMI-NTMD6N03R2 Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMD6N03R2G ONSEMI-NTMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
logo
VBsemi Electronics Co.,...
NTMD6N03R2G VBSEMI-NTMD6N03R2G Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTMD6N03R2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMD6N03R2G ONSEMI-NVMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NTMS4800N ONSEMI-NTMS4800N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1
NTMD6N04R2 ONSEMI-NTMD6N04R2 Datasheet
84Kb / 5P
   Power MOSFET 40 V, 5.8 A, Dual N-Channel SOIC-8
December, 2007 - Rev. 0
NTMD6N04 ONSEMI-NTMD6N04 Datasheet
219Kb / 8P
   MOSFET – Power, Dual N-Channel, SOIC-8 40 V, 5.8 A
July, 2019 - Rev. 2
NTMFS4709N ONSEMI-NTMFS4709N Datasheet
90Kb / 6P
   Power MOSFET 30 V, 94 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 3
NTMFS4708N ONSEMI-NTMFS4708N Datasheet
98Kb / 5P
   Power MOSFET 30 V, 19 A, Single N-Channel, SOIC-8 FL
July, 2007 - Rev. 2
NTMS4176P ONSEMI-NTMS4176P Datasheet
91Kb / 5P
   Power MOSFET -30 V, -9.6 A, P-Channel, SOIC-8
March, 2008 - Rev. 0
NTMS4177P ONSEMI-NTMS4177P Datasheet
91Kb / 5P
   Power MOSFET -30 V, -11.4 A, P-Channel, SOIC-8
March, 2008 - Rev. 0
NTMD4840N ONSEMI-NTMD4840N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 7.5 A, Dual N?묬hannel, SOIC??
September, 2009 ??Rev. 1
NTMFS4701N ONSEMI-NTMFS4701N Datasheet
90Kb / 5P
   Power MOSFET 30 V, 20 A, Single N-Channel, SOIC-8 Flat Lead Package
July, 2007 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com