Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3425 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A3425
Description  DUAL, CHOPPER-STABILIZED, ULTRA-SENSITIVE, BIPOLAR HALL-EFFECT SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3425 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A3425 Datasheet HTML 3Page - Allegro MicroSystems A3425 Datasheet HTML 4Page - Allegro MicroSystems A3425 Datasheet HTML 5Page - Allegro MicroSystems A3425 Datasheet HTML 6Page - Allegro MicroSystems A3425 Datasheet HTML 7Page - Allegro MicroSystems A3425 Datasheet HTML 8Page - Allegro MicroSystems A3425 Datasheet HTML 9Page - Allegro MicroSystems A3425 Datasheet HTML 10Page - Allegro MicroSystems A3425 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3425
DUAL, CHOPPER-STABILIZED,
ULTRA-SENSITIVE,
BIPOLAR HALL-EFFECT SWITCH
www.allegromicro.com
7
FUNCTIONAL DESCRIPTION
Chopper-Stabilized Technique. These devices use a
proprietary dynamic offset cancellation technique, with an
internal high-frequency clock to reduce the residual offset
voltage of the Hall element that is normally caused by
device overmolding, temperature dependencies, and
thermal stress. This technique produces devices that have
an extremely stable quiescent Hall output voltage, are
immune to thermal stress, and have precise recoverability
after temperature cycling. This technique will also
slightly degrade the device output repeatability.
The Hall element can be considered as a resistor array
similar to a Wheatstone bridge. A large portion of the
offset is a result of the mismatching of these resistors.
The chopper-stabilizing technique cancels the mismatch-
ing of the resistors by changing the direction of the current
flowing through the Hall plate and Hall voltage measure-
ment taps, while maintaining the Hall-voltage signal that
is induced by the external magnetic flux. The signal is,
then, captured by a sample-and-hold circuit.
More detailed descriptions of the circuit operation can
be found in: Technical Paper STP 97-10, Monolithic
Magnetic Hall Sensor Using Dynamic Quadrature Offset
Cancellation and Technical Paper STP 99-1, Chopper-
Stabilized Amplifiers With A Track-and-Hold Signal
Demodulator.
Operation. The output of these devices switches low
(turns on) when a magnetic field perpendicular to the Hall
sensor exceeds the operate point threshold (BOP). After
turn-on, the output is capable of sinking 30 mA and the
output voltage is VOUT(SAT). When the magnetic field is
reduced below the release point (BRP), the device output
switches high (turns off). Note especially that release can
occur when the magnetic field is removed but to ensure
release, a field reversal is required. The difference in the
magnetic operate and release points is the hysteresis (Bhys)
of the device. This built-in hysteresis allows clean
switching of the output even in the presence of external
mechanical vibration and electrical noise.
Dwg. EH-012
REG
X
+V
HALL
VOLTAGE
B
+
Dwg. AH-011-2
0
+B
0
FLUX DENSITY
Dwg. GH-034-5
-B
RP
B
VOUT(SAT)
CC
V
OP
B
+V


Similar Part No. - A3425

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3425 ALLEGRO-A3425 Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A3425 ALLEGRO-A3425 Datasheet
495Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A3425EK ALLEGRO-A3425EK Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A3425EK-T ALLEGRO-A3425EK-T Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A3425EK-T ALLEGRO-A3425EK-T Datasheet
495Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
More results

Similar Description - A3425

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3230 ALLEGRO-A3230 Datasheet
478Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
A3230 ALLEGRO-A3230_06 Datasheet
362Kb / 12P
   Chopper-Stabilized Hall-Effect Bipolar Switch
A3260 ALLEGRO-A3260_06 Datasheet
228Kb / 10P
   2-Wire Chopper Stabilized Precision Hall Effect Bipolar Switch
April 27, 2007
A1126LLHLX-T ALLEGRO-A1126LLHLX-T Datasheet
274Kb / 14P
   Chopper Stabilized Omnipolar Hall-Effect Switch
A3240ELTTR-T ALLEGRO-A3240ELTTR-T Datasheet
440Kb / 11P
   Chopper-Stabilized, Precision Hall-Effect Switch
3260 ALLEGRO-3260 Datasheet
187Kb / 12P
   2-WIRE, CHOPPER-STABILIZED, PRECISION HALL-EFFECT BIPOLAR SWITCH
June 30, 2000
A3295 ALLEGRO-A3295 Datasheet
216Kb / 9P
   Chopper Stabilized, Precision Hall Effect Switch
A3425 ALLEGRO-A3425 Datasheet
575Kb / 21P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230_16 Datasheet
822Kb / 17P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
A1230 ALLEGRO-A1230 Datasheet
392Kb / 16P
   Ultra-Sensitive Dual-Channel Quadrature Hall-Effect Bipolar Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com