Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMD6P02R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMD6P02R2G
Description  Power MOSFET 6 A, 20 V, P?묬hannel SOIC??, Dual
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMD6P02R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NTMD6P02R2G Datasheet HTML 1Page - ON Semiconductor NTMD6P02R2G Datasheet HTML 2Page - ON Semiconductor NTMD6P02R2G Datasheet HTML 3Page - ON Semiconductor NTMD6P02R2G Datasheet HTML 4Page - ON Semiconductor NTMD6P02R2G Datasheet HTML 5Page - ON Semiconductor NTMD6P02R2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
December, 2012 − Rev. 4
1
Publication Order Number:
NTMD6P02R2/D
NTMD6P02, NVMD6P02
Power MOSFET
6 A, 20 V, P−Channel SOIC−8, Dual
Features
Ultra Low RDS(on)
Higher Efficiency Extending Battery Life
Logic Level Gate Drive
Miniature Dual SOIC−8 Surface Mount Package
Diode Exhibits High Speed, Soft Recovery
Avalanche Energy Specified
These Devices are Pb−Free and are RoHS Compliant
NVMD Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
Applications
Power Management in Portable and Battery−Powered Products,
i.e.: Cellular and Cordless Telephones, and PCMCIA Cards
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−20
V
Gate−to−Source Voltage − Continuous
VGS
"12
V
Thermal Resistance −
Junction−to−Ambient (Note 1)
Total Power Dissipation @ TA = 25°C
Continuous Drain Current @ TA = 25°C
Continuous Drain Current @ TA = 70°C
Maximum Operating Power Dissipation
Maximum Operating Drain Current
Pulsed Drain Current (Note 4)
RqJA
PD
ID
ID
PD
ID
IDM
62.5
2.0
−7.8
−5.7
0.5
−3.89
−40
°C/W
W
A
A
W
A
A
Thermal Resistance −
Junction−to−Ambient (Note 2)
Total Power Dissipation @ TA = 25°C
Continuous Drain Current @ TA = 25°C
Continuous Drain Current @ TA = 70°C
Maximum Operating Power Dissipation
Maximum Operating Drain Current
Pulsed Drain Current (Note 4)
RqJA
PD
ID
ID
PD
ID
IDM
98
1.28
−6.2
−4.6
0.3
−3.01
−35
°C/W
W
A
A
W
A
A
Thermal Resistance −
Junction−to−Ambient (Note 3)
Total Power Dissipation @ TA = 25°C
Continuous Drain Current @ TA = 25°C
Continuous Drain Current @ TA = 70°C
Maximum Operating Power Dissipation
Maximum Operating Drain Current
Pulsed Drain Current (Note 4)
RqJA
PD
ID
ID
PD
ID
IDM
166
0.75
−4.8
−3.5
0.2
−2.48
−30
°C/W
W
A
A
W
A
A
Operating and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C (VDD = −20 Vdc,
VGS = −5.0 Vdc, Peak IL = −5.0 Apk,
L = 40 mH, RG = 25 W)
EAS
500
mJ
Maximum Lead Temperature for Soldering
Purposes for 10 seconds
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Mounted onto a 2″ square FR−4 Board (1 in sq, 2 oz. Cu 0.06″ thick single sided), t = 10 seconds.
2. Mounted onto a 2″ square FR−4 Board (1 in sq, 2 oz. Cu 0.06″ thick single sided), t = steady state.
3. Minimum FR−4 or G−10 PCB, t = steady state.
4. Pulse Test: Pulse Width = 300 ms, Duty Cycle = 2%.
6 AMPERES, 20 VOLTS
Device
Package
Shipping
ORDERING INFORMATION
NTMD6P02R2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
D
S
G
P−Channel
SOIC−8
CASE 751
STYLE 11
MARKING DIAGRAM &
PIN ASSIGNMENT
E6P02 = Specific Device Code
x
= Blank or S
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
E6P02x
AYWW G
G
1
8
1
8
S1 G1 S2 G2
D1 D1 D2 D2
NTMD6P02R2SG
SOIC−8
(Pb−Free)
NVMD6P02R2G
SOIC−8
(Pb−Free)
http://onsemi.com
(Note: Microdot may be in either location)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D
2500 / Tape & Reel
2500 / Tape & Reel


Similar Part No. - NTMD6P02R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD6P02R2G ONSEMI-NTMD6P02R2G Datasheet
87Kb / 6P
   Power MOSFET
April, 2015 ??Rev. 5
More results

Similar Description - NTMD6P02R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD4840N ONSEMI-NTMD4840N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 7.5 A, Dual N?묬hannel, SOIC??
September, 2009 ??Rev. 1
NTHD2102P ONSEMI-NTHD2102P Datasheet
54Kb / 6P
   Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
NTMS4800N ONSEMI-NTMS4800N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 8 A, N?묬hannel, SOIC??
August, 2009 ??Rev. 1
NTMS4840N ONSEMI-NTMS4840N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 7.5 A, Single N?묬hannel, SOIC??
September, 2009 ??Rev. 1
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
   Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
   Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTGD3133P ONSEMI-NTGD3133P Datasheet
67Kb / 5P
   Power MOSFET ??0 V, ??.5 A, P?묬hannel, TSOP?? Dual
July, 2006 ??Rev. 0
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
   Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTMD6N03R2G ONSEMI-NTMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
NVMD6N03R2G ONSEMI-NVMD6N03R2G Datasheet
343Kb / 8P
   Power MOSFET 30 V, 6 A, Dual N--Channel SOIC--8
October, 2011 -- Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com