Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC002637 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # EC002637
Description  Base strip - MSTBV 2,5/ 6-G - 1753518
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC002637 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  EC002637 Datasheet HTML 1Page - PHOENIX CONTACT EC002637 Datasheet HTML 2Page - PHOENIX CONTACT EC002637 Datasheet HTML 3Page - PHOENIX CONTACT EC002637 Datasheet HTML 4Page - PHOENIX CONTACT EC002637 Datasheet HTML 5Page - PHOENIX CONTACT EC002637 Datasheet HTML 6Page - PHOENIX CONTACT EC002637 Datasheet HTML 7Page - PHOENIX CONTACT EC002637 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
https://www.phoenixcontact.com/us/products/1753518
04.08.2013   Page 4 / 8
Base strip - MSTBV 2,5/ 6-G - 1753518
Approvals
VDE Gutachten mit Fertigungsüberwachung 
 
 
Nominal current IN
12 A
Nominal voltage UN
250 V
cUL Recognized 
 
B
D
Nominal current IN
12 A
10 A
Nominal voltage UN
300 V
300 V
GOST 
IECEE CB Scheme 
 
 
Nominal current IN
12 A
Nominal voltage UN
250 V
GOST 
CSA 
 
B
D
Nominal current IN
10 A
10 A
Nominal voltage UN
300 V
300 V


Similar Part No. - EC002637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC002637 PHOENIX-EC002637 Datasheet
65Kb / 3P
   Printed-circuit board connector - MCV 1,5/11-G-3,5 P26 THRR56
EC002637 PHOENIX-EC002637 Datasheet
123Kb / 8P
   Base strip - MVSTBU 2,5/10-GB-5,08
EC002637 PHOENIX-EC002637 Datasheet
66Kb / 3P
   Base strip - MSTB 2,5/14-G-5,08-LA
EC002637 PHOENIX-EC002637 Datasheet
82Kb / 4P
   Printed-circuit board connector - PST 1,3/10-LH-5,0
EC002637 PHOENIX-EC002637 Datasheet
72Kb / 4P
   Base strip - MCV 1,5/ 7-GFR-3,81 P26 THR
More results

Similar Description - EC002637

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753819 PHOENIX-1753819 Datasheet
88Kb / 5P
   Base strip - MSTBV 2,5/21-G
1753851 PHOENIX-1753851 Datasheet
88Kb / 5P
   Base strip - MSTBV 2,5/23-G
1753796 PHOENIX-1753796 Datasheet
88Kb / 5P
   Base strip - MSTBV 2,5/20-G
1753576 PHOENIX-1753576 Datasheet
115Kb / 7P
   Base strip - MSTBV 2,5/ 9-G
1753615 PHOENIX-1753615 Datasheet
113Kb / 7P
   Base strip - MSTBV 2,5/11-G
1753712 PHOENIX-1753712 Datasheet
112Kb / 7P
   Base strip - MSTBV 2,5/16-G
1753534 PHOENIX-1753534 Datasheet
113Kb / 7P
   Base strip - MSTBV 2,5/ 7-G
1753770 PHOENIX-1753770 Datasheet
87Kb / 5P
   Base strip - MSTBV 2,5/19-G
1758160 PHOENIX-1758160 Datasheet
79Kb / 5P
   Base strip - MSTBV 2,5/17-G-5,08
1758102 PHOENIX-1758102 Datasheet
140Kb / 9P
   Base strip - MSTBV 2,5/11-G-5,08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com