Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39121432 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 39121432
Description  PCB terminal block - MKDSV 5/ 3-9.5 - 1710069
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

39121432 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  39121432 Datasheet HTML 1Page - PHOENIX CONTACT 39121432 Datasheet HTML 2Page - PHOENIX CONTACT 39121432 Datasheet HTML 3Page - PHOENIX CONTACT 39121432 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/produkte/1710069
11.10.2012   Page 2 / 4
PCB terminal block - MKDSV 5/ 3-9.5 - 1710069
Technical data
Technical data
Rated voltage (III/3)
690 V
Rated voltage (III/2)
1000 V
Rated voltage (II/2)
1000 V
Connection in acc. with standard
EN-VDE
Nominal current IN
32 A
Nominal cross section
4 mm²
Maximum load current
32 A
Insulating material
PA
Inflammability class according to UL 94
V0
Internal cylindrical gage
A4
Stripping length
8 mm
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
30 A
Nominal voltage, UL/CUL Use Group C
300 V
Nominal current, UL/CUL Use Group C
30 A
Nominal voltage, UL/CUL Use Group D
600 V
Nominal current, UL/CUL Use Group D
5 A
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
6 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
4 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve min.
0.25 mm²
Conductor cross section stranded, with ferrule without plastic
sleeve max.
4 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
min.
0.25 mm²
Conductor cross section stranded, with ferrule with plastic sleeve
max.
4 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
10
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1.5 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1.5 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without
plastic sleeve, max.
0.75 mm²
2 conductors with same cross section, stranded, TWIN ferrules
with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules
with plastic sleeve, max.
2.5 mm²
Minimum AWG according to UL/CUL
30


Similar Part No. - 39121432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
39121432 PHOENIX-39121432 Datasheet
76Kb / 5P
   Printed-circuit board connector - BCVP-508R- 8 GN
39121432 PHOENIX-39121432 Datasheet
90Kb / 3P
   Printed-circuit board connector - BCVP-500R- 5 BK
39121432 PHOENIX-39121432 Datasheet
72Kb / 4P
   Printed-circuit board connector - BCH-500HS- 3 GY
39121432 PHOENIX-39121432 Datasheet
57Kb / 3P
   Printed-circuit board connector - BCH-350VF- 3 GY
39121432 PHOENIX-39121432 Datasheet
58Kb / 3P
   Printed-circuit board connector - BCH-500VF-16 GY
More results

Similar Description - 39121432

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1710072 PHOENIX-1710072 Datasheet
71Kb / 4P
   PCB terminal block - MKDSV 5/2-9.5
1907144 PHOENIX-1907144 Datasheet
129Kb / 5P
   PCB terminal block - MKDSV 5/ 3-7,62
1710085 PHOENIX-1710085 Datasheet
81Kb / 5P
   PCB terminal block - MKDSV 5/ 3-6,35
1907131 PHOENIX-1907131 Datasheet
128Kb / 5P
   PCB terminal block - MKDSV 5/ 2-7,62
1710056 PHOENIX-1710056 Datasheet
75Kb / 5P
   PCB terminal block - MKDSV 5/ 2-6,35
1904147 PHOENIX-1904147 Datasheet
124Kb / 5P
   PCB terminal block - MKDSV 5 HV/ 2-9,52
1907416 PHOENIX-1907416 Datasheet
67Kb / 5P
   PCB terminal block - MKDSV 5 HV/ 2-9,52-Z
1711631 PHOENIX-1711631 Datasheet
88Kb / 5P
   PCB terminal block - MKDS 3/ 5
1700218 PHOENIX-1700218 Datasheet
46Kb / 3P
   PCB terminal block - MKKDSH 3/ 5 BK
1905201 PHOENIX-1905201 Datasheet
432Kb / 13P
   PCB terminal block - MKDS 3/ 5-5,08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com