Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1873951 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1873951
Description  The figure shows a 10-position version of the product
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1873951 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1873951 Datasheet HTML 1Page - PHOENIX CONTACT 1873951 Datasheet HTML 2Page - PHOENIX CONTACT 1873951 Datasheet HTML 3Page - PHOENIX CONTACT 1873951 Datasheet HTML 4Page - PHOENIX CONTACT 1873951 Datasheet HTML 5Page - PHOENIX CONTACT 1873951 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MSTBV 2,5/ 2-G-5,08
Order No.: 1758018
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1758018
 
 
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5.08 mm,
Number of positions: 2, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918030223
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.001081 KG
Catalog page information
Page 251 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
8.6 mm
Pitch
5.08 mm
Dimension a
5.08 mm
Number of positions
2
Pin dimensions
1 x 1 mm


Similar Part No. - 1873951

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873951 PHOENIX-1873951 Datasheet
135Kb / 6P
   FKICS 2,5/ 4-ST-5,08
1873951 PHOENIX-1873951 Datasheet
150Kb / 6P
   MSTB 2,5/ 2-G-5,08
1873951 PHOENIX-1873951 Datasheet
146Kb / 7P
   IC 2,5/ 2-ST-5,08
1873951 PHOENIX-1873951 Datasheet
175Kb / 7P
   MDSTB 2,5/ 2-G-5,08
1873951 PHOENIX-1873951 Datasheet
175Kb / 7P
   MDSTBV 2,5/ 2-G-5,08
More results

Similar Description - 1873951

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786543 PHOENIX-1786543 Datasheet
157Kb / 6P
   The figure shows a 10-position version of the product
1701511 PHOENIX-1701511 Datasheet
180Kb / 5P
   The figure shows a 5-pos. version of the product
2900560 PHOENIX-2900560 Datasheet
173Kb / 6P
   The figure shows the 9 A version
2900691 PHOENIX-2900691 Datasheet
164Kb / 6P
   The figure shows the 9 A version
2900542 PHOENIX-2900542 Datasheet
158Kb / 6P
   The figure shows the 9 A version
2900552 PHOENIX-2900552 Datasheet
168Kb / 6P
   The figure shows the 9 A version
2900559 PHOENIX-2900559 Datasheet
173Kb / 6P
   The figure shows the 9 A version
2900573 PHOENIX-2900573 Datasheet
164Kb / 6P
   The figure shows the 9 A version
2900688 PHOENIX-2900688 Datasheet
173Kb / 6P
   The figure shows the 9 A version
2900558 PHOENIX-2900558 Datasheet
173Kb / 6P
   The figure shows the 9 A version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com