Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1792TDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1792TDREP
Description  Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1792TDREP Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD1792TDREP Datasheet HTML 1Page - Texas Instruments SN65HVD1792TDREP Datasheet HTML 2Page - Texas Instruments SN65HVD1792TDREP Datasheet HTML 3Page - Texas Instruments SN65HVD1792TDREP Datasheet HTML 4Page - Texas Instruments SN65HVD1792TDREP Datasheet HTML 5Page - Texas Instruments SN65HVD1792TDREP Datasheet HTML 6Page - Texas Instruments SN65HVD1792TDREP Datasheet HTML 7Page - Texas Instruments SN65HVD1792TDREP Datasheet HTML 8Page - Texas Instruments SN65HVD1792TDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
V
upto70V
FAULT
M0092-01
SN65HVD1792-EP
www.ti.com
SLLSEG8A – AUGUST 2013 – REVISED AUGUST 2013
Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
Check for Samples: SN65HVD1792-EP
1
FEATURES
Bus-Pin Fault Protection to > ±70 V
APPLICATIONS
Common-Mode Voltage Range (–20 V to 25 V)
Designed for RS-485 and RS-422 Networks
More Than Doubles TIA/EIA 485 Requirement
SUPPORTS DEFENSE, AEROSPACE,
Bus I/O Protection
AND MEDICAL APPLICATIONS
±16 kV JEDEC HBM Protection
Controlled Baseline
Reduced Unit Load for Up to 256 Nodes
One Assembly and Test Site
Failsafe Receiver for Open-Circuit, Short-
Circuit and Idle-Bus Conditions
One Fabrication Site
Low Power Consumption
Extended Product Life Cycle
Low Standby Supply Current, 1
μA Typ
Extended Product-Change Notification
ICC 5 mA Quiescent During Operation
Product Traceability
Power-Up, Power-Down Glitch-Free Operation
DESCRIPTION
The SN65HVD1792 is designed to survive overvoltage faults such as direct shorts to power supplies, mis-wiring
faults, connector failures, cable crushes, and tool mis-applications. It is also robust to ESD events, with high
levels of protection to human-body model specifications.
The SN65HVD1792 combines a differential driver and a differential receiver, which operate from a single power
supply. The SN65HVD1792 is characterized from –40°C to 105°C.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
VID NUMBER
SN65HVD1792TDREP
V62/13620-01XE
–40°C to 105°C
SOIC - D
1792EP
SN65HVD1792TDEP
V62/13620-01XE-T
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVD1792TDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1792 TI-SN65HVD1792 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1792 TI-SN65HVD1792 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1792 TI-SN65HVD1792 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792 TI-SN65HVD1792 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792D TI-SN65HVD1792D Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
More results

Similar Description - SN65HVD1792TDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com