Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB5426N Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTB5426N
Description  Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB5426N Datasheet(HTML) 2 Page - ON Semiconductor

  NTB5426N Datasheet HTML 1Page - ON Semiconductor NTB5426N Datasheet HTML 2Page - ON Semiconductor NTB5426N Datasheet HTML 3Page - ON Semiconductor NTB5426N Datasheet HTML 4Page - ON Semiconductor NTB5426N Datasheet HTML 5Page - ON Semiconductor NTB5426N Datasheet HTML 6Page - ON Semiconductor NTB5426N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTB5426N, NTP5426N, NVB5426N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C Unless otherwise specified)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VDS = 0 V, ID = 250 mA
60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
64
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = 60 V
TJ = 25°C
1.0
mA
TJ = 150°C
25
Gate−Body Leakage Current
IGSS
VDS = 0 V, VGS = $20 V
$100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(th)
VGS = VDS, ID = 250 mA
2.0
3.1
4.0
V
Negative Threshold Temperature Coefficient
VGS(th)/TJ
9.2
mV/°C
Drain−to−Source On Voltage
VDS(on)
VGS = 10 V, ID = 60 A
0.3
0.36
V
VGS = 10 V, ID = 60 A, 150°C
0.6
Static Drain−to−Source On−Resistance
RDS(on)
VGS = 10 V, ID = 60 A
4.9
6.0
mW
Forward Transconductance
gFS
VDS = 15 V, ID = 20 A
65
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
Ciss
VDS = 25 V, VGS = 0 V,
f = 1 MHz
5800
pF
Output Capacitance
Coss
1000
Transfer Capacitance
Crss
370
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 48 V,
ID = 60 A
150
170
nC
Threshold Gate Charge
QG(TH)
6.0
Gate−to−Source Charge
QGS
28
Gate−to−Drain Charge
QGD
67
SWITCHING CHARACTERISTICS, VGS = 10 V (Note 3)
Turn−On Delay Time
td(on)
VGS = 10 V, VDD = 48 V,
ID = 60 A, RG = 3.0 W
15
ns
Rise Time
tr
100
Turn−Off Delay Time
td(off)
105
Fall Time
tf
95
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V
IS = 60 A
TJ = 25°C
0.88
1.1
Vdc
TJ = 100°C
0.78
Reverse Recovery Time
trr
IS = 60 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms
75
ns
Charge Time
ta
50
Discharge Time
tb
25
Reverse Recovery Stored Charge
QRR
235
mC
2. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
3. Switching characteristics are independent of operating junction temperatures.
ORDERING INFORMATION
Device
Package
Shipping
NTP5426N
TO−220AB (Pb−Free)
50 Units / Rail
NTB5426NT4G
D2PAK (Pb−Free)
800 / Tape & Reel
NVB5426NT4G
D2PAK (Pb−Free)
800 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NTB5426N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB5426N ONSEMI-NTB5426N Datasheet
118Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
NTB5426NT4G ONSEMI-NTB5426NT4G Datasheet
118Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
More results

Similar Description - NTB5426N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB5426N ONSEMI-NTB5426N Datasheet
118Kb / 7P
   Power MOSFET 120 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 0
NTB5412N ONSEMI-NTB5412N Datasheet
123Kb / 7P
   Power MOSFET 60 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 1
NTB5411N ONSEMI-NTB5411N Datasheet
148Kb / 7P
   Power MOSFET 80 Amps, 60 Volts N-Channel D2PAK, TO-220
October, 2009 ??Rev. 2
NTP75N06 ONSEMI-NTP75N06_V01 Datasheet
176Kb / 9P
   Power MOSFET 75 Amps, 60 Volts, N−Channel TO−220 and D2PAK
December, 2012 - Rev. 3
NTP27N06 ONSEMI-NTP27N06 Datasheet
83Kb / 12P
   Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK
August, 2001 ??Rev. 2
NTB75N03R ONSEMI-NTB75N03R Datasheet
73Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N-Channel D2PAK, TO-220
October, 2003 ??Rev. 2
MTB30P06V ONSEMI-MTB30P06V_V01 Datasheet
241Kb / 9P
   Power MOSFET 30 Amps, 60 Volts P-Channel D2PAK
October, 2011 - Rev. 5
NTBV45N06 ONSEMI-NTBV45N06 Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTB45N06T4G ONSEMI-NTB45N06T4G Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTB45N06G ONSEMI-NTB45N06G Datasheet
86Kb / 7P
   Power MOSFET 45 Amps, 60 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com