Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTTFS5116PL Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTTFS5116PL
Description  Power MOSFET 60 V, 20 A, 52m
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTFS5116PL Datasheet(HTML) 2 Page - ON Semiconductor

  NTTFS5116PL Datasheet HTML 1Page - ON Semiconductor NTTFS5116PL Datasheet HTML 2Page - ON Semiconductor NTTFS5116PL Datasheet HTML 3Page - ON Semiconductor NTTFS5116PL Datasheet HTML 4Page - ON Semiconductor NTTFS5116PL Datasheet HTML 5Page - ON Semiconductor NTTFS5116PL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTTFS5116PL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
69.7
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −60 V
TJ = 25°C
−1.0
mA
TJ = 125°C
−100
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−1
−3
V
Negative Threshold Temperature
Coefficient
VGS(TH)/TJ
−6.2
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = −10 V
ID = −6 A
37
52
mW
VGS = −4.5 V
ID = −4.4 A
51
72
Forward Transconductance
gFS
VDS = −15 V, ID = −6 A
11
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
Ciss
VGS = 0 V, f = 1.0 MHz, VDS = −30 V
1258
pF
Output Capacitance
Coss
127
Reverse Transfer Capacitance
Crss
84
Total Gate Charge
QG(TOT)
VGS = −10 V, VDS = −48 V, ID = −5 A
25
nC
VGS = −4.5 V, VDS = −48 V, ID = −5 A
14
Threshold Gate Charge
QG(TH)
VGS = −4.5 V, VDS = −48 V, ID = −5 A
1
nC
Gate−to−Source Charge
QGS
4
Gate−to−Drain Charge
QGD
7
Plateau Voltage
VGP
3.1
V
Gate Resistance
RG
5.3
W
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
td(on)
VGS = −4.5 V, VDS = −48 V,
ID = −5 A, RG = 6 W
15
ns
Rise Time
tr
58
Turn−Off Delay Time
td(off)
30
Fall Time
tf
37
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = −5 A
TJ = 25°C
−0.79
−1.2
V
TJ = 125°C
−0.64
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = −100 A/ms,
IS = −5 A
20
ns
Charge Time
ta
15
Discharge Time
tb
5
Reverse Recovery Charge
QRR
19
nC
2. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
3. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTTFS5116PL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS5811NL ONSEMI-NTTFS5811NL Datasheet
258Kb / 6P
   Power MOSFET 40 V, 53 A, 6.4 m廓
May, 2010 -- Rev. 1
NTTFS5811NLTAG ONSEMI-NTTFS5811NLTAG Datasheet
258Kb / 6P
   Power MOSFET 40 V, 53 A, 6.4 m廓
May, 2010 -- Rev. 1
NTTFS5811NLTWG ONSEMI-NTTFS5811NLTWG Datasheet
258Kb / 6P
   Power MOSFET 40 V, 53 A, 6.4 m廓
May, 2010 -- Rev. 1
NTTFS5820NL ONSEMI-NTTFS5820NL Datasheet
116Kb / 6P
   Power MOSFET 60 V, 37 A, 11.5 m
April, 2010 ??Rev. 0
NTTFS5820NL ONSEMI-NTTFS5820NL Datasheet
112Kb / 6P
   Power MOSFET
November, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com