Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTD6415ANLT4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD6415ANLT4G
Description  N-Channel Power MOSFET 100 V, 23 A, 56 m Logic Level
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD6415ANLT4G Datasheet(HTML) 1 Page - ON Semiconductor

  NTD6415ANLT4G Datasheet HTML 1Page - ON Semiconductor NTD6415ANLT4G Datasheet HTML 2Page - ON Semiconductor NTD6415ANLT4G Datasheet HTML 3Page - ON Semiconductor NTD6415ANLT4G Datasheet HTML 4Page - ON Semiconductor NTD6415ANLT4G Datasheet HTML 5Page - ON Semiconductor NTD6415ANLT4G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2011
October, 2011 − Rev. 1
1
Publication Order Number:
NTD6415ANL/D
NTD6415ANL, NVD6415ANL
N-Channel Power MOSFET
100 V, 23 A, 56 mW, Logic
Level
Features
Low RDS(on)
100% Avalanche Tested
AEC−Q101 Qualified
AEC Q101 Qualified − NVD6415ANL
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
100
V
Gate−to−Source Voltage − Continuous
VGS
$20
V
Continuous Drain
Current
Steady
State
TC = 25°C
ID
23
A
TC = 100°C
16
Power Dissipation
Steady
State
TC = 25°C
PD
83
W
Pulsed Drain Current
tp = 10 ms
IDM
80
A
Operating and Storage Temperature Range
TJ, Tstg
−55 to
+175
°C
Source Current (Body Diode)
IS
23
A
Single Pulse Drain−to−Source Avalanche
Energy (VDD = 50 Vdc, VGS = 10 Vdc, IL(pk) =
23 A, L = 0.3 mH, RG = 25 W)
EAS
79
mJ
Lead Temperature for Soldering
Purposes, 1/8″ from Case for 10 Seconds
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Case (Drain) − Steady State
RqJC
1.8
°C/W
Junction−to−Ambient − Steady State (Note 1)
RqJA
39
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface mounted on FR4 board using 1 sq in pad size,
(Cu Area 1.127 sq in [2 oz] including traces).
http://onsemi.com
D
S
G
MARKING DIAGRAM
& PIN ASSIGNMENT
6415ANL = Device Code
Y
= Year
WW
= Work Week
G
= Pb−Free Package
DPAK
CASE 369AA
STYLE 2
4 Drain
3
Source
1
Gate
2
Drain
V(BR)DSS
RDS(on) MAX
ID MAX
100 V
52 mW @ 10 V
23 A
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
56 mW @ 4.5 V
1 2
3
4


Similar Part No. - NTD6415ANLT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD6415ANLT4G ONSEMI-NTD6415ANLT4G Datasheet
265Kb / 6P
   N-Channel Power MOSFET 100 V, 23 A, 56 m廓, Logic Level
March, 2010 -- Rev. 0
NTD6415ANLT4G ONSEMI-NTD6415ANLT4G Datasheet
78Kb / 6P
   N-Channel Power MOSFET
August, 2016 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTD6415ANLT4G VBSEMI-NTD6415ANLT4G Datasheet
984Kb / 8P
   N-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com