Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39121409 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 39121409
Description  Base strip - MCV 1.5/ 2-GF-3.5 - 1843224
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

39121409 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  39121409 Datasheet HTML 1Page - PHOENIX CONTACT 39121409 Datasheet HTML 2Page - PHOENIX CONTACT 39121409 Datasheet HTML 3Page - PHOENIX CONTACT 39121409 Datasheet HTML 4Page - PHOENIX CONTACT 39121409 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/1843224
21.12.2012   Page 4 / 5
Base strip - MCV 1.5/ 2-GF-3.5 - 1843224
Approvals
IECEE CB Scheme 
 
 
Nominal current IN
8 A
Nominal voltage UN
160 V
GOST 
cULus Recognized 
Accessories
Accessories
Marking
Marker cards - SK 3,5/2,8:FORTL.ZAHLEN - 0804073
Marker cards, Card, white, labeled, Horizontal: Consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - 99,
Mounting type: Adhesive, For terminal block width: 3.5 mm
 
 
Plug/Adapter
Coding profile - CP-MSTB - 1734634
Keying profile, is inserted into the slot on the plug or inverted header, red insulating material
 
 
Additional products
Printed-circuit board connector - MC 1,5/ 2-STF-3,5 - 1847055
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 2, Pitch: 3.5 mm,
Connection method: Screw connection, Color: green, Contact surface: Tin
 
 


Similar Part No. - 39121409

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
39121409 PHOENIX-39121409 Datasheet
66Kb / 3P
   Base strip - MSTB 2,5/ 2-G-LA
39121409 PHOENIX-39121409 Datasheet
84Kb / 4P
   Printed-circuit board connector - DFK-PC 5/11-ST-7,62
39121409 PHOENIX-39121409 Datasheet
90Kb / 4P
   Printed-circuit board connector - TFMC 1,5/ 2-STF-3,5
39121409 PHOENIX-39121409 Datasheet
81Kb / 5P
   Printed-circuit board connector - GFKC 2,5/ 2-STF-7,5
39121409 PHOENIX-39121409 Datasheet
77Kb / 4P
   Printed-circuit board connector - MCV 1,5/ 7-GF-3,5 P14THRR56
More results

Similar Description - 39121409

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1843253 PHOENIX-1843253 Datasheet
149Kb / 6P
   Base strip - MCV 1.5/ 5-GF-3.5
1843266 PHOENIX-1843266 Datasheet
97Kb / 5P
   Base strip - MCV 1.5/ 6-GF-3.5
1843305 PHOENIX-1843305 Datasheet
95Kb / 5P
   Base strip - MCV 1.5/10-GF-3.5
1843237 PHOENIX-1843237 Datasheet
97Kb / 5P
   Base strip - MCV 1.5/ 3-GF-3.5
1843282 PHOENIX-1843282 Datasheet
97Kb / 5P
   Base strip - MCV 1.5/ 8-GF-3.5
1843363 PHOENIX-1843363 Datasheet
95Kb / 5P
   Base strip - MCV 1.5/16/GF-3.5
1843240 PHOENIX-1843240 Datasheet
97Kb / 5P
   Base strip - MCV 1.5/ 4-GF-3.5
1844964 PHOENIX-1844964 Datasheet
88Kb / 5P
   Base strip - MCV 1.5/20-GF-3.81
1843897 PHOENIX-1843897 Datasheet
94Kb / 6P
   Base strip - MC 1.5/12-GF-3.5
1998412 PHOENIX-1998412 Datasheet
57Kb / 4P
   Base strip - MCV 1,5/ 2-GF-3,81 ABGY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com