Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC001121 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # EC001121
Description  Base strip - MC 1,5/20-G-3,5 - 1844391
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001121 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  EC001121 Datasheet HTML 1Page - PHOENIX CONTACT EC001121 Datasheet HTML 2Page - PHOENIX CONTACT EC001121 Datasheet HTML 3Page - PHOENIX CONTACT EC001121 Datasheet HTML 4Page - PHOENIX CONTACT EC001121 Datasheet HTML 5Page - PHOENIX CONTACT EC001121 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/us/products/1844391
11/29/13   Page 5 / 6
Base strip - MC 1,5/20-G-3,5 - 1844391
Accessories
Marker cards - SK 3,5/2,8:FORTL.ZAHLEN - 0804073
Marker cards, Card, white, labeled, Horizontal: Consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - 99, Mounting type:
Adhesive, For terminal block width: 3.5 mm
 
 
Fiber optics - MC 1,5/10-LWL 1,5-3,5 - 1841161
Fiber optics, Pitch: 3.5 mm, Number of positions: 10, Dimension a: 1.5 mm, Color: transparent
 
 
Fiber optics - MC 1,5/10-LWL 2,3-3,5 - 1841187
Fiber optics, Pitch: 3.5 mm, Number of positions: 10, Dimension a: 2.3 mm, Color: transparent
 
 
Fiber optics - MC 1,5/10-LWL 4-3,5 - 1841200
Fiber optics, Pitch: 3.5 mm, Number of positions: 10, Dimension a: 4 mm, Color: transparent
 
 
Additional products
Printed-circuit board connector - MC 1,5/20-ST-3,5 - 1840544
Plug component, Nominal current: 8 A, Rated voltage (III/2): 160 V, Number of positions: 20, Pitch: 3.5 mm, Connection
method: Screw connection, Color: green, Contact surface: Tin
 
 


Similar Part No. - EC001121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC001121 PHOENIX-EC001121 Datasheet
69Kb / 4P
   Base strip - PCV 6-16/ 9-G-10,16
EC001121 PHOENIX-EC001121 Datasheet
65Kb / 3P
   Printed-circuit board connector - BCP-381F-19 GY
EC001121 PHOENIX-EC001121 Datasheet
63Kb / 3P
   Printed-circuit board connector - BCP-500-23 GY
EC001121 PHOENIX-EC001121 Datasheet
76Kb / 3P
   Printed-circuit board connector - BCDH-508HS- 8 GN
EC001121 PHOENIX-EC001121 Datasheet
84Kb / 4P
   Base strip - MDSTB 2,5/ 8-GF-5,08
More results

Similar Description - EC001121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1731853 PHOENIX-1731853 Datasheet
67Kb / 4P
   Base strip - MC 1,5/20-G-3,5-RN
1731701 PHOENIX-1731701 Datasheet
68Kb / 4P
   Base strip - MC 1,5/ 5-G-3,5
1844362 PHOENIX-1844362 Datasheet
94Kb / 5P
   Base strip - MC 1,5/17-G-3,5
1844333 PHOENIX-1844333 Datasheet
100Kb / 6P
   Base strip - MC 1,5/14-G-3,5
1844304 PHOENIX-1844304 Datasheet
98Kb / 6P
   Base strip - MC 1,5/11-G-3,5
1844320 PHOENIX-1844320 Datasheet
98Kb / 6P
   Base strip - MC 1,5/13-G-3,5
1844359 PHOENIX-1844359 Datasheet
100Kb / 6P
   Base strip - MC 1,5/16-G-3,5
1731727 PHOENIX-1731727 Datasheet
68Kb / 4P
   Base strip - MC 1,5/ 7-G-3,5-RN
1731798 PHOENIX-1731798 Datasheet
68Kb / 4P
   Base strip - MC 1,5/14-G-3,5-RN
1719435 PHOENIX-1719435 Datasheet
57Kb / 3P
   Base strip - MC 1,5/ 2-G-3,5 GY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com