Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVTR0202PL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVTR0202PL
Description  Power MOSFET ??0 V, ??00 mA, P?묬hannel SOT??3 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVTR0202PL Datasheet(HTML) 3 Page - ON Semiconductor

  NVTR0202PL Datasheet HTML 1Page - ON Semiconductor NVTR0202PL Datasheet HTML 2Page - ON Semiconductor NVTR0202PL Datasheet HTML 3Page - ON Semiconductor NVTR0202PL Datasheet HTML 4Page - ON Semiconductor NVTR0202PL Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTR0202PL, NVTR0202PL
http://onsemi.com
3
0
0.25
0.5
0.75
0
0.25
0.5
0.75
1.0
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
VGS = −10 V
−6 V
−5.5 V
−5 V
−4.5 V
−4 V
−3.5 V
−3 V
−2.5 V
TJ = 25°C
0
0.25
0.5
0.75
1
0
1
23
45
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
VDS ≥ −10 V
TJ = 25°C
TJ = 125°C
TJ = 40°C
0
0.5
1
1.5
0.125
0.25
0.375
0.5
−ID, DRAIN CURRENT (AMPS)
Figure 3. On−Resistance versus Drain Current
TJ = 150°C
TJ = 25°C
TJ = 40°C
0
0.25
0.5
0.75
1.0
0.125
0.25
0.375
0.5
0.625
0.75
0.875 1.0
−ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain
Current and Gate Voltage
0
0.5
1
1.5
2
2.5
−40
−15
10
35
60
85
110
135
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
ID = −0.05 A
VGS = −4.5 V
ID = −0.2 A
VGS = −10 V
0.1
1
10
1000
2
6
10
14
18
100
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−to−Source Leakage
Current versus Voltage
VGS = 0 V
TJ = 150°C
TJ = 25°C
150
VGS = −4.5 V
VGS = −10 V


Similar Part No. - NVTR0202PL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTR0202PLT1G ONSEMI-NVTR0202PLT1G Datasheet
99Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 6
logo
VBsemi Electronics Co.,...
NVTR0202PLT1G VBSEMI-NVTR0202PLT1G Datasheet
476Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NVTR0202PL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
   Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
logo
ZP Semiconductor
NTR1P02LT1G ZPSEMI-NTR1P02LT1G Datasheet
209Kb / 2P
   ??0 V, ??.3 A, P?묬hannel SOT??3 Package
logo
ON Semiconductor
NTUD3171PZ ONSEMI-NTUD3171PZ Datasheet
108Kb / 5P
   Small Signal MOSFET ??0 V, ??00 mA, Dual P?묬hannel, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
   Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTZS3151P ONSEMI-NTZS3151P Datasheet
136Kb / 5P
   Small Signal MOSFET ??0 V, ??50 mA, P?묬hannel SOT??63
March, 2006 ??Rev. 2
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
   Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
logo
Shenzhen Winsemi Microe...
WFY3P02 WINSEMI-WFY3P02 Datasheet
235Kb / 5P
   TrenchPowerMOSFET ??0 V,Single P?묬hannel, SOT??3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com