Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1431-SP Datasheet(PDF) 8 Page - Texas Instruments

Part # TL1431-SP
Description  CLASS V, PRECISION PROGRAMMABLE REFERENCE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1431-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL1431-SP_13 Datasheet HTML 4Page - Texas Instruments TL1431-SP_13 Datasheet HTML 5Page - Texas Instruments TL1431-SP_13 Datasheet HTML 6Page - Texas Instruments TL1431-SP_13 Datasheet HTML 7Page - Texas Instruments TL1431-SP_13 Datasheet HTML 8Page - Texas Instruments TL1431-SP_13 Datasheet HTML 9Page - Texas Instruments TL1431-SP_13 Datasheet HTML 10Page - Texas Instruments TL1431-SP_13 Datasheet HTML 11Page - Texas Instruments TL1431-SP_13 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
+
TL1431
12 V
6.8 k
5 V +0.5%
10 k
10 k
0.1%
10 k
0.1%
VCC
X
Not
Used
TL598
Feedback
V(BATT)
VO = 5 V
Rb
TL1431
27.4 k
0.1%
27.4 k
0.1%
LM317
In
Out
V(BATT)
8.2 k
TL1431
Adjust
243
0.1%
243
0.1%
VO = 5 V, 1.5 A, 0.5%
V(BATT)
TL1431
V
O +
1 )
R1
R2
V
I(ref)
R1
R2
R
VO
V(BATT)
VO
TL1431
R1
R2
C
V
trip +
1 )
R1
R2
V
I(ref)
TL1431-SP
SLVSB44B – JULY 2012 – REVISED SEPTEMBER 2013
www.ti.com
Figure 20. Higher-Current Shunt Regulator
Figure 21. Crowbar
A.
Rb should provide cathode current ≥1 mA to the TL1431.
Figure 22. Precision 5-V, 1.5-A, 0.5% Regulator
Figure 23. 5-V Precision Regulator
Figure 24. PWM Converter With 0.5% Reference
A.
Select R3 and R4 to provide the desired LED intensity and cathode current
≥1 mA to the TL1431.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TL1431-SP


Similar Part No. - TL1431-SP_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1431-SP TI-TL1431-SP_15 Datasheet
226Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
More results

Similar Description - TL1431-SP_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1431-SP TI-TL1431-SP_15 Datasheet
226Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
TL1431-SP TI1-TL1431-SP Datasheet
186Kb / 13P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
TL1431-SP TI-TL1431-SP_V01 Datasheet
282Kb / 14P
[Old version datasheet]   CLASS V, PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com