Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK106L Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLK106L
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK106L Datasheet(HTML) 4 Page - Texas Instruments

  TLK106L Datasheet HTML 1Page - Texas Instruments TLK106L Datasheet HTML 2Page - Texas Instruments TLK106L Datasheet HTML 3Page - Texas Instruments TLK106L Datasheet HTML 4Page - Texas Instruments TLK106L Datasheet HTML 5Page - Texas Instruments TLK106L Datasheet HTML 6Page - Texas Instruments TLK106L Datasheet HTML 7Page - Texas Instruments TLK106L Datasheet HTML 8Page - Texas Instruments TLK106L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 105 page
background image
32
9
31
10
30
11
29
12
28
13
27
14
26
15
25
16
24
1
23
2
22
3
21
4
20
5
19
6
18
7
17
8
GND
PFBIN2
RXD_3 / PHYAD4
XI
XO
VDD_IO
MDC
MDIO
RESET
LED_LINK (MLED*) / AN_0
TX_CLK
TX_EN
TXD_0
TXD_1
TXD_2
TXD_3
INT / PWDN
TLK105L
TLK106L
SLLSEE3A – AUGUST 2013 – REVISED NOVEMBER 2013
www.ti.com
2
Pin Descriptions
The TLK10xL pins fall into the following interface categories (subsequent sections describe each
interface):
Serial Management Interface
Reset and Power Down
MAC Data Interface
Bootstrap Configuration Inputs
Clock Interface
10/100Mbs PMD Interface
LED Interface
Special Connect Pins
Power and Ground pins
Note: Configuration pin option. See Section 3.1 for Jumper Definitions.
The definitions below define the functionality of each pin.
Type: I
Input
Type: OD
Open Drain
Type: O
Output
Type: PD, PU
Internal Pulldown/Pullup
Type: I/O Input/Output
Type: S
Configuration Pin (All configuration pins have weak internal
pullups or pulldowns. Use an external 2.2k
Ω resistor if you
need a different default value. See Section 3.1 for details.)
2.1
Pin Layout
* MLED can be routed via REG 0x0025 (MLEDCR Register), for further details see Section 3.8.
Figure 2-1. TLK10xL PIN DIAGRAM, TOP VIEW
This document describes signals that take on different names depending on configuration. In such cases,
the different names are placed together and separated by slash (/) characters. For example, "RXD_3 /
PHYAD4". Active low signals are represented by overbars.
.
.
.
4
Pin Descriptions
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK105L TLK106L


Similar Part No. - TLK106L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK106 TI-TLK106 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK106 TI1-TLK106 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK106RHBR TI1-TLK106RHBR Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK106RHBT TI1-TLK106RHBT Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
More results

Similar Description - TLK106L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105 TI-TLK105 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK110 TI1-TLK110 Datasheet
1Mb / 104P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105 TI1-TLK105_16 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK111 TI1-TLK111_14 Datasheet
1Mb / 110P
[Old version datasheet]   PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
[Old version datasheet]   TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
List of Unclassifed Man...
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com