Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK105LRHBT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLK105LRHBT
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK105LRHBT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK105LRHBT Datasheet HTML 7Page - Texas Instruments TLK105LRHBT Datasheet HTML 8Page - Texas Instruments TLK105LRHBT Datasheet HTML 9Page - Texas Instruments TLK105LRHBT Datasheet HTML 10Page - Texas Instruments TLK105LRHBT Datasheet HTML 11Page - Texas Instruments TLK105LRHBT Datasheet HTML 12Page - Texas Instruments TLK105LRHBT Datasheet HTML 13Page - Texas Instruments TLK105LRHBT Datasheet HTML 14Page - Texas Instruments TLK105LRHBT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
TLK105L
TLK106L
www.ti.com
SLLSEE3A – AUGUST 2013 – REVISED NOVEMBER 2013
3.3
IO Pins Hi-Z State During Reset
The following IO or output pins are in hi-Z state when RESET is active (Low).
Internal
Internal
Pin Name
Type
Pin Name
Type
PU/PD
PU/PD
TXD_3
IO
PD
COL (MLED(1))
IO
PU
TX_EN
IO
PD
RXD_0
IO
PD
INT/PWDN
IO
PU
RXD_1
IO
PD
LED_LINK (MLED(1))
IO
PU
RXD_2
IO
PD
MDIO
IO
RXD_3
IO
PD
RX_DV
IO
PD
TX_CLK
O
CRS
IO
PU
CLK25MHz_OUT
O
RX_ER
IO
PU
RX_CLK
O
(1)
* MLED can be routed via REG 0x0025 (MLEDCR Register), for further details see Section 3.8.
3.4
Auto-Negotiation
The TLK10xL device auto-negotiates to operate in 10Base-T or 100Base-TX. With Auto-Negotiation
enabled, the TLK10xL negotiates with the link partner to determine the speed and duplex mode. If the link
partner cannot Auto-Negotiate, the TLK10xL device enters parallel-detect mode to determine the speed of
the link partner. Parallel-detect mode uses fixed half-duplex mode.
The TLK10xL supports four different Ethernet protocols (10Mbs Half-Duplex, 10Mbs Full-Duplex, 100Mbs
Half-Duplex, and 100Mbs Full-Duplex). Auto-Negotiation selects the highest performance protocol based
on the advertised ability of the Link Partner. Control the Auto-Negotiation function within the TLK10xL by
internal register access according to the IEEE specification.
Alternatively, control the HD-FD functionality by configuring the AN_0 pins. The state of AN_0 selects full
or half duplex mode, both in Auto-negotiation or force 100/10 mode as given in Table 3-1. The state of
AN_0 upon power-up/reset, determines the state of bits [8:5] of the ANAR register (0x04h).
Auto-Negotiation advertises ANEN, 100BT by default. Full-Duplex or Half-Duplex configuration is available
through the AN_0 bit. Internal register access configures the device for a specific mode.
Table 3-1. Auto-Negotiation Modes
AN_0
Forced Mode
0
10Base-T, Half-Duplex
100Base-TX, Half-Duplex
1
10Base-T, Half or Full-Duplex
100Base-TX, Half or Full-Duplex
Internal register access controls the Auto-Negotiation function, as defined by the IEEE 802.3u
specification. For further detail regarding Auto-Negotiation, see Clause 28 of the IEEE 802.3u
specification.
3.5
Auto-MDIX
The TLK10xL device automatically determines whether or not it needs to cross over between pairs,
eliminating the requirement for an external crossover cable. If the TLK10xL interoperates with a device
that implements MDI/MDIX crossover, a random algorithm as described in IEEE 802.3 determines which
device performs the crossover.
Auto-MDIX is enabled by default and can be configured via pin strap, control register CR1 (0x09h), bit 14
or via register PHYCR (0x19h), bit 15.
Copyright © 2013, Texas Instruments Incorporated
Hardware Configuration
11
Submit Documentation Feedback
Product Folder Links: TLK105L TLK106L


Similar Part No. - TLK105LRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105 TI-TLK105 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK105 TI1-TLK105 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105RHBR TI1-TLK105RHBR Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105RHBT TI1-TLK105RHBT Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105 TI1-TLK105_16 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
More results

Similar Description - TLK105LRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105 TI-TLK105 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK110 TI1-TLK110 Datasheet
1Mb / 104P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105 TI1-TLK105_16 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK111 TI1-TLK111_14 Datasheet
1Mb / 110P
[Old version datasheet]   PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
[Old version datasheet]   TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
List of Unclassifed Man...
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com