Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK106LRHBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLK106LRHBT
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK106LRHBT Datasheet(HTML) 1 Page - Texas Instruments

  TLK106LRHBT Datasheet HTML 1Page - Texas Instruments TLK106LRHBT Datasheet HTML 2Page - Texas Instruments TLK106LRHBT Datasheet HTML 3Page - Texas Instruments TLK106LRHBT Datasheet HTML 4Page - Texas Instruments TLK106LRHBT Datasheet HTML 5Page - Texas Instruments TLK106LRHBT Datasheet HTML 6Page - Texas Instruments TLK106LRHBT Datasheet HTML 7Page - Texas Instruments TLK106LRHBT Datasheet HTML 8Page - Texas Instruments TLK106LRHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 105 page
background image
TLK10xL
Fiber-Optic
Transceiver
10BASE-T
or
100BASE-TX
100BASE-FX
TLK105L
TLK106L
www.ti.com
SLLSEE3A – AUGUST 2013 – REVISED NOVEMBER 2013
Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
Check for Samples: TLK105L, TLK106L
1
Introduction
1.1
Features
1
• IEEE 1588 SFD indication enables time
• IEEE 802.3u 100BASE-FX Fiber Interface
stamping by a controller or processor
• Fully programmable LED for 11 states (Link,
• Low deterministic latency supports IEEE1588
Activity , Speed, Blink)
implementation
• Error-Free Operation up to 150 Meters Under
• Low Power Consumption: <205mW PHY and
Typical Conditions
275mW with Center Tap (Typical)
• IEEE 802.3u PCS, 100Base-TX Transceivers
• Programmable Power Back Off to reduce PHY
• IEEE 802.3u ENDEC, 10Base-T
power up to 20% in systems with shorter
Transceivers and Filters
cables
• Integrated ANSI X3.263 Compliant TP-PMD
• Cable Diagnostics
Physical Sublayer with Adaptive Equalization
• Variable I/O voltage range: 1.8V to 3.3V
and Baseline Wander Compensation
• 3.3V MAC Interface
• Supports 2 LEDs
• Programmable Fast Link Down Modes, <10µs
• 10/100Mbs Packet BIST (Built in Self Test)
reaction time
• HBM ESD protection on RD± and TD± of 16kV
• Fixed TX Clock to XI, with programmable phase
• 32-pin QFN (5mm) × (5mm)
shift
• Fully pin-compatible with the TLK10x devices
• Auto-MDIX for 10/100Mbs
• Energy Detection Mode
1.2
Applications
• MII and RMII Interfaces
Industrial Networks and Factory Automation
• Serial Management Interface
Motor and Motion Control
• IEEE 802.3u MII
General Embedded Applications
• IEEE 802.3u Auto-Negotiation and Parallel
Detection
1.3
Device Overview
The TLK10xL is a single-port Ethernet PHY for 10Base-T and 100Base TX signaling, integrating all the
physical-layer functions needed to transmit and receive data on standard twisted-pair cables. Additionally,
the TLK10xL supports 100Base-FX signaling via an external optical transceiver. The device supports the
standard Media Independent Interface (MII) and Reduced Media Independent Interface (RMII) for direct
connection to a Media Access Controller (MAC).
The device is designed for power-supply flexibility, and can operate with a single 3.3V power supply or
with combinations of 3.3V and 1.55V power supplies for reduced power operation.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLK106LRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK106 TI-TLK106 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK106 TI1-TLK106 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK106RHBR TI1-TLK106RHBR Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK106RHBT TI1-TLK106RHBT Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
More results

Similar Description - TLK106LRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105 TI-TLK105 Datasheet
1Mb / 99P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK110 TI1-TLK110 Datasheet
1Mb / 104P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105 TI1-TLK105_16 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK111 TI1-TLK111_14 Datasheet
1Mb / 110P
[Old version datasheet]   PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
[Old version datasheet]   TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
List of Unclassifed Man...
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com