Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2982689 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2982689
Description  Solid-State Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2982689 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2982689 Datasheet HTML 1Page - PHOENIX CONTACT 2982689 Datasheet HTML 2Page - PHOENIX CONTACT 2982689 Datasheet HTML 3Page - PHOENIX CONTACT 2982689 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OV-24DC …
103082_01_en
PHOENIX CONTACT
3
Dimensions
Figure 1
Dimensions (in mm)
Block Diagrams
Figure 2
Block diagram for OV-24DC/350DC/1 and
OV-24DC/ 60DC/4
Figure 3
Block diagram for OV-24DC/480AC/5
General Data
...350DC/1
...60DC/4
...480AC/5
Test voltage input/output
4 kVrms
4 kVrms
4 kVrms
Ambient temperature range
-20°C ... +80°C
-20°C ... +70°C
Operating mode
100% operating factor
100% operating factor
100% operating factor
Assembly
Directly on the PCB or
can be plugged in with a SIM-AMS socket, which can be soldered
Conformance With EMC Directive 89/336/EEC and Low Voltage Directive 73/23/EEC
Noise Immunity Test According to EN 61000-6-21
Electrostatic discharge (ESD)
EN 61000-4-2
Electromagnetic HF field
EN 61000-4-3
Fast transients (burst)
EN 61000-4-4
Noise Emission Test According to EN 61000-6-4
Noise emission of housing
EN 550112
1 EN 61000 corresponds to IEC 61000
2 EN 55011 corresponds to CISPR11
Approvals
UL
a A
7,7
10,5
OUTPUT
34
1 (+) 2
INPUT
43,2
7,6
17,8
30,5
35,5
1,1
3
4
2
1
~
~
3
4
1
2
+
-
~
~


Similar Part No. - 2982689

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2982663 PHOENIX-2982663 Datasheet
420Kb / 12P
   Solid-state relay module - PLC-SC-EIK 1-SVN 24P/P
10/27/2021
More results

Similar Description - 2982689

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com