Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA50ARLG Datasheet(PDF) 3 Page - ON Semiconductor

Part # SA50ARLG
Description  500 Watt Peak Power MiniMOSORBZener
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SA50ARLG Datasheet(HTML) 3 Page - ON Semiconductor

  SA50ARLG Datasheet HTML 1Page - ON Semiconductor SA50ARLG Datasheet HTML 2Page - ON Semiconductor SA50ARLG Datasheet HTML 3Page - ON Semiconductor SA50ARLG Datasheet HTML 4Page - ON Semiconductor SA50ARLG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SA5.0A Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 6) = 35 A)
Device*
Device
Marking
VRWM
(Note 3)
IR @ VRWM
Breakdown Voltage
VC @ IPP (Note 5)
QVBR
VBR (Note 4) (Volts)
@ IT
VC
IPP
Volts
mA
Min
Nom
Max
mA
Volts
A
mV/°C
SA5.0A, G
SA5.0A
5
600
6.4
6.7
7
10
9.2
54.3
5
SA6.0AG
SA6.0A
6
600
6.67
7.02
7.37
10
10.3
48.5
5
SA7.0ARLG
SA7.0A
7
150
7.78
8.19
8.6
10
12
41.7
6
SA10AG
SA10A
10
1
11.1
11.7
12.3
1
17
29.4
10
SA12AG
SA12A
12
1
13.3
14
14.7
1
19.9
25.1
12
SA13AG
SA13A
13
1
14.4
15.15
15.9
1
21.5
23.2
13
SA15AG
SA15A
15
1
16.7
17.6
18.5
1
24.4
20.6
16
SA16AG
SA16A
16
1
17.8
18.75
19.7
1
26
19.2
17
SA17ARLG
SA17A
17
1
18.9
19.9
20.9
1
27.6
18.1
19
SA18ARLG
SA18A
18
1
20
21.05
22.1
1
29.2
17.2
20
SA20ARLG
SA20A
20
1
22.2
23.35
24.5
1
32.4
15.4
23
SA24AG
SA24A
24
1
26.7
28.1
29.5
1
38.9
12.8
28
SA26ARLG
SA26A
26
1
28.9
30.4
31.9
1
42.1
11.9
30
SA28ARLG
SA28A
28
1
31.1
32.75
34.4
1
45.4
11
31
SA30ARLG
SA30A
30
1
33.3
35.05
36.8
1
48.4
10.3
36
SA33ARLG
SA33A
33
1
36.7
38.65
40.6
1
53.3
9.4
39
SA36AG
SA36A
36
1
40
42.1
44.2
1
58.1
8.6
41
SA51AG
SA51A
51
1
56.7
59.7
62.7
1
82.4
6.1
61
SA64ALFG
SA64A
64
1
71.1
74.85
78.6
1
103
4.9
76
SA100AG
SA100A
100
1
111
117
123
1
162
3.1
123
SA170ARLG
SA170A
170
1
189
199
209
1
275
1.8
208
3. MiniMOSORBt transients suppressor is normally selected according to the maximum working peak reverse voltage (VRWM), which
should be equal to or greater than the dc or continuous peak operating voltage level.
4. VBR measured at pulse test current IT at an ambient temperature of 25°C.
5. Surge current waveform per Figure 4 and derate per Figures 1 and 2.
6. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute
*The “G’’ suffix indicates Pb−Free package or Pb−Free Packages available.
100
10
1
0.1
0.1 ms1 ms10 ms
100 ms
1ms
10 ms
tp, PULSE WIDTH
Figure 1. Pulse Rating Curve
NONREPETITIVE PULSE
WAVEFORM SHOWN IN
FIGURE 4
100
80
60
40
20
0
0
25 50
75
100 125 150 175 200
TA, AMBIENT TEMPERATURE (°C)
Figure 2. Pulse Derating Curve
°


Similar Part No. - SA50ARLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA50ARLG ONSEMI-SA50ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
More results

Similar Description - SA50ARLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SA15ARLG ONSEMI-SA15ARLG Datasheet
100Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener
October, 2009 ??Rev. 13
logo
Goodwork Semiconductor ...
SA GWSEMI-SA Datasheet
184Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA50 BYTES-SA50 Datasheet
313Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
SA5.0 UNIOHM-SA5.0 Datasheet
91Kb / 4P
   500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
SA5.0CA ONSEMI-SA5.0CA Datasheet
186Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
August, 2006 ??Rev. 4
logo
Littelfuse
NS6A5.0AFT3G LITTELFUSE-NS6A5.0AFT3G Datasheet
229Kb / 5P
   500 Watt Peak Power Zener Transient Voltage Suppressors
logo
ON Semiconductor
SA16ARLG ONSEMI-SA16ARLG Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA16ARLG ONSEMI-SA16ARLG Datasheet
122Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
SA50A ONSEMI-SA50A Datasheet
58Kb / 6P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
May, 2006 ??Rev. 11
SA5.0A ONSEMI-SA5.0A Datasheet
117Kb / 5P
   500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors
October, 2009 ??Rev. 13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com