Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20IMX35 Datasheet(PDF) 10 Page - Power-One

Part # 20IMX35
Description  IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

20IMX35 Datasheet(HTML) 10 Page - Power-One

Back Button 20IMX35 Datasheet HTML 6Page - Power-One 20IMX35 Datasheet HTML 7Page - Power-One 20IMX35 Datasheet HTML 8Page - Power-One 20IMX35 Datasheet HTML 9Page - Power-One 20IMX35 Datasheet HTML 10Page - Power-One 20IMX35 Datasheet HTML 11Page - Power-One 20IMX35 Datasheet HTML 12Page - Power-One 20IMX35 Datasheet HTML 13Page - Power-One 20IMX35 Datasheet HTML 14Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
®
IMX35 Series Data Sheet
35 Watt Quad-Output DC-DC Converters
BCD20009-G Rev AC, 06-May-2013
Page 10 of 15
Progr. Input Undervoltage Lockout PUL
A special feature of the converters (with Rev. BA or later) is the
adjustable undervoltage lockout protection, which protects
the converter (and the system) from high current caused by
operation at low input voltages. This ensures easier start-up
in distributed power systems.
The table below shows the band of switch on/off and the
hysteresis.
The undervoltage lockout levels may be programmed by using
an external resistor RPUL between PUL and Vi– to increase the
preset levels as specified in table 10.
Table 10: Typical values for RPUL and the respective lockout
voltage for input voltage.
20 IMX35
40 IMX35
R PUL [kW]
Vi min [V]
R PUL [kW]
Vi min [V]
≤ 8
≤ 15.5
39
10
43
22
19
12
16
26
13
14
10
28
9.1
16
0
32
70 IMX35
110 IMX35
R PUL [kW]
Vi min [V]
R PUL [kW]
Vi min [V]
31
42
270
40
270
50
110
50
120
60
80
55
51
75
Table 9: Trigger level and hysteresis (pin 1 left open)
Model
Trigger level
Hysteresis
Unit
20IMX35
7 to 8
<0.5
V
40IMX35
14 to 15.5
<1
70IMX35
31 to 34
<3
110IMX35
42 to 50
<8


Similar Part No. - 20IMX35

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX35-03D05-9 POWER-ONE-20IMX35-03D05-9 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
20IMX35-03D12-9 POWER-ONE-20IMX35-03D12-9 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
20IMX35-03D15-9 POWER-ONE-20IMX35-03D15-9 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
20IMX35-05-05-9 POWER-ONE-20IMX35-05-05-9 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
20IMX35-05D05-9 POWER-ONE-20IMX35-05D05-9 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
More results

Similar Description - 20IMX35

ManufacturerPart #DatasheetDescription
logo
Power-One
110IMX35D15D15-8 POWER-ONE-110IMX35D15D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
IMX35 BEL-IMX35 Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com