Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32.208.228 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 32.208.228
Description  HD 421 Pt 100-type platinum temperature sensors are characterized by long-term stability
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

32.208.228 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  32.208.228 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
We reserve the right to make alterations and technical data printed. All technical data serves as a guideline and does not guarantee
particular properties to any products.
Name of document: 30910034 Index A
Status: 06/2010
Platinum Resistance Temperature Detector
HD 421
The measuring point for the nominal resistance is defined at 4mm from the end of the sensor body.
HD 421 Pt 100-type platinum temperature sensors are characterized by long-term stability, precision over a
broad temperature range and compatibility. Main application area is the process technology.
Specification
DIN EN 60751
Temperature range
-70°C up to +850°C
Tolerance Class B:
-70°C up to +650°C
Tolerance Class 2B:
-70°C up to +850°C
Temperature coefficient
TC = 3850 ppm/K
Leads
Pt- wire
Lead length (L)
6mm ±1mm
Long-term tests
1000h at 850°C (energized, open)
smaller then the allowed deviation according
to DIN B. 1000 h at 650°C (under current
as clean MI-type) smaller then the allowed
deviation according to DIN B
Vibration resistance
at least 40g acceleration with 8ms half sine
wave signal, depends on the installation
Shock resistance
at least 100g acceleration at frequencies
from 10Hz up to 2000Hz, depends on the
installation
Environmental conditions
Unhoused for dry environment only,
Up to 650°C in housings also as clean MI-type
possible, above 650°C no reducing
atmosphere, free air admission necessary
Insulation resistance
>100 M
 at 20°C; >2 M at 650°C
Self heating
0.2 K/mW
Response time
Water current (v= 0.4m/s):
t0.5 = 0.05s
t0.9 = 0.17s
Air stream (v= 2m/s):
t0.5 = 3.3s
t0.9 = 13.0s
Measuring current
20°C max. 5mA; 850°C max. 2.8mA
(self heating has to be considered)
Note
Other tolerances, values of resistance and wire
lengths are available on request.
Nominal
Resistance R0
Tolerance
DIN EN 60751
1996-07
Tolerance
DIN EN 60751
2009-05
Order Number
Plastic Box
100 Ohm at 0°C
Class B (to 650°C)
Class 2B (to+850°C)
F 0.3 (to 650°C)
F 0.6 (to 850°C)
32 208 228
1901 Route 130
North Brunswick, NJ 08902
Phone 732-940-4400
Fax 732-940-4445
Email info.hst-us@heraeus.com
http://heraeus-sensor-technology-us.com
Heraeus Sensor Technology USA


Similar Part No. - 32.208.228

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
32.208.519 ETC2-32.208.519 Datasheet
425Kb / 1P
   The C series thin-film PRTDs
32.208.779 ETC2-32.208.779 Datasheet
92Kb / 1P
   HL 220 type platinum sensors are characterised by long-term stability
32.208.787 ETC2-32.208.787 Datasheet
403Kb / 1P
   HM 220 type platinum sensors are characterised by long-term stability
32.208.788 ETC2-32.208.788 Datasheet
403Kb / 1P
   HM 220 type platinum sensors are characterised by long-term stability
More results

Similar Description - 32.208.228

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M416 ETC2-M416 Datasheet
130Kb / 1P
   M-series platinum temperature sensors are characterized by long-term stability
L416 ETC2-L416 Datasheet
134Kb / 1P
   L-series platinum temperature sensors are characterized by long-term stability
HM220 ETC2-HM220 Datasheet
403Kb / 1P
   HM 220 type platinum sensors are characterised by long-term stability
HL220 ETC2-HL220 Datasheet
92Kb / 1P
   HL 220 type platinum sensors are characterised by long-term stability
logo
Silicon Laboratories
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
   Excellent long term stability
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
   Excellent long term stability
logo
Silicon Laboratories
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
   Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
   Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
   Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
   Excellent long-term stability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com