Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3845 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3845
Description  AM NOISE BLANKER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3845 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3845 Datasheet HTML 1Page - Allegro MicroSystems A3845 Datasheet HTML 2Page - Allegro MicroSystems A3845 Datasheet HTML 3Page - Allegro MicroSystems A3845 Datasheet HTML 4Page - Allegro MicroSystems A3845 Datasheet HTML 5Page - Allegro MicroSystems A3845 Datasheet HTML 6Page - Allegro MicroSystems A3845 Datasheet HTML 7Page - Allegro MicroSystems A3845 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3845
AM NOISE BLANKER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
5
15
CC
V
SUPPLY
AUDIO OUT 1
Dwg. FS-004-1A
RF BYPASS
AUDIO IN 1
AUDIO OUT 2
AUDIO IN 2
MIXER
OUT
6
8
17
18
PEAK
DET
REG
1
4
16
3
2
20
10
12
11
9
GROUND
RF AGC
RF BIAS
RF GATE
LOW
RF IN
RF GATE
HIGH
RF
13
dV/dt DET
+4 V
IF
IN
19
14
7
NO CONNECTION
1 k
1 k
Copyright © 1988, 2000 Allegro MicroSystems, Inc.
Note that the noise-pulse input is attenuated 20 dB by the test circuit.
AUDIO OUT1
AUDIO IN 1
AUDIO OUT2
AUDIO IN2
0.1
0.1
0.1
0.1
0.001
C 8
SUPPLY
Dwg. ES-007-1A
RF
RF BYPASS
0.1
MIXER OUT
NOISE
+
R15
R 5
R 6
10
µF
0.1
0.005
0.01
0.01
13
14
15
16
17
19
12
18
20
11
1
2
3
8
9
4
5
6
7
10
CC
V
NC
NC
NC
DET
FUNCTIONAL BLOCK DIAGRAM
TEST CIRCUIT


Similar Part No. - A3845

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3848EEQ ALLEGRO-A3848EEQ Datasheet
75Kb / 3P
   DUAL-CONVERSION AM RECEIVER
More results

Similar Description - A3845

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4340X SIEMENS-TDA4340X Datasheet
671Kb / 15P
   Stereo Decoder/Noise Blanker
logo
NXP Semiconductors
TDA1592 PHILIPS-TDA1592 Datasheet
191Kb / 20P
   PLL stereo decoder and noise blanker
1996 May 31
TDA1591 PHILIPS-TDA1591 Datasheet
167Kb / 20P
   PLL stereo decoder and noise blanker
1996 Sep 02
logo
Hitachi Semiconductor
HA12181FP HITACHI-HA12181FP Datasheet
147Kb / 21P
   AM Radio Noise Reduction System
logo
Renesas Technology Corp
HA12181FP RENESAS-HA12181FP Datasheet
302Kb / 20P
   AM Radio Noise Reduction System
logo
Maxim Integrated Produc...
MAX2180A MAXIM-MAX2180A Datasheet
745Kb / 1P
   AM/FM Car Antenna Low-Noise Amplifier
Rev 2; 3/14
logo
Fairchild Semiconductor
SS9016 FAIRCHILD-SS9016 Datasheet
62Kb / 4P
   AM Converter, FM/RF Amplifier of Low Noise.
logo
TEMIC Semiconductors
U4254BM TEMIC-U4254BM Datasheet
167Kb / 12P
   Low-Noise AM/FM Antenna Impedance Matching IC
logo
KEC(Korea Electronics)
KIA2051FN KEC-KIA2051FN Datasheet
206Kb / 12P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AM PULSE NOISE REDUCTION)
logo
ATMEL Corporation
U4254BM-M ATMEL-U4254BM-M Datasheet
168Kb / 14P
   Low-noise AM/FM Antenna Impedance Matching IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com