Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK10081CTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10081CTR
Description  10Gbps 1-8 CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK10081CTR Datasheet(HTML) 1 Page - Texas Instruments

  TLK10081CTR Datasheet HTML 1Page - Texas Instruments TLK10081CTR Datasheet HTML 2Page - Texas Instruments TLK10081CTR Datasheet HTML 3Page - Texas Instruments TLK10081CTR Datasheet HTML 4Page - Texas Instruments TLK10081CTR Datasheet HTML 5Page - Texas Instruments TLK10081CTR Datasheet HTML 6Page - Texas Instruments TLK10081CTR Datasheet HTML 7Page - Texas Instruments TLK10081CTR Datasheet HTML 8Page - Texas Instruments TLK10081CTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
10GBPS
10GBPS
TLK10081
TLK10081
10GBPS
10GBPS
ASP 1
ASP 2
ASP 3
ASP 4
ASP 5
ASP 6
ASP 7
ASP 8
ASP 9
ASP 10
ASP 11
ASP 12
ASP 13
ASP 14
ASP 15
ASP 16
TLK10081
10GBPS
10GBPS
Optional
FANOUT or
REDUNDANT
BACKPLANE
OPTICAL
1.25GBPS
EQ
Buffer
X PT
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
ASP 1
1.25GBPS
1.25GBPS
ASP 2
1.25GBPS
1.25GBPS
ASP 3
1.25GBPS
1.25GBPS
ASP 4
1.25GBPS
1.25GBPS
ASP 5
1.25GBPS
1.25GBPS
ASP 6
1.25GBPS
1.25GBPS
ASP 7
1.25GBPS
1.25GBPS
ASP 8
1.25GBPS
1.25GBPS
ASP 9
ASP 10
ASP 11
ASP 12
ASP 13
ASP 14
ASP 15
ASP 16
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
1.25GBPS
Backplane
Optical
TLK10081
www.ti.com
SLLSEE9 – NOVEMBER 2013
10Gbps 1-8 CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
Check for Samples: TLK10081
1
INTRODUCTION
1.1
Features
1
• Automatic Digital Multiplexing/De-Multiplexing
• Raw (Unencoded) Data Support
of 1 to 8 Independent Lower Speed Gigabit
• Core Supply 1V; I/O: 1.5V/1.8V
Serial Lines into a Single Higher Speed Gigabit
• Superior Signal Integrity Performance
Serial Line with Extensive Media Transmission
• Low Power Operation: < 800 mW per channel
Capabilities.
(typ)
• 1~8 x (0.25 to 1.25 Gbps) to 1 x (2 to 10 Gbps)
• Rate Matching Support (For compatible data
Multiplexing
protocols like GE PCS)
• 1 x (0.5 to 2.5 Gbps) to 1 x (0.5 to 2.5 Gbps)
• Full Non-Blocking Receiver Crosspoint
• Dynamic Port Aggregation Supported
Mapping Capability
• Programmable High Speed Redundant
• Flexible Clocking
Switching
• Multi Drive Capability (SFP+, backplane, cable)
• Wide Data Rate Range for Multiple Application
• Support for Programmable High Speed Lane
Support
Alignment Characters
• Transmit De-Emphasis and Adaptive Receiver
• Support for Programmable HS/LS 10-Bit
Equalization on Both Low Speed and High
Alignment Characters
Speed Sides
• Wide Range of Built-in Test Patterns
• MDIO Clause 22 control interface
• 144-pin, 13mmx13mm FCBGA Package
• 8B/10B ENDEC Coding Support
1.2
Applications
• Gigabit Serial Link Aggregation
• Machine Vision
• Communications System Backplanes
• Video/Image Data Processing
spacing
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLK10081CTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK100 TI-TLK100 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10002CTR TI1-TLK10002CTR Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
TLK10021ZWQ TI1-TLK10021ZWQ Datasheet
658Kb / 2P
[Old version datasheet]   10 Gbps PHY Transceiver for LAN/MAN/SAN Applications
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
More results

Similar Description - TLK10081CTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10022 TI1-TLK10022 Datasheet
566Kb / 64P
[Old version datasheet]   10Gbps DUAL-CHANNEL MULTI-RATE SERIAL LINK AGGREGATOR
TLK10002 TI1-TLK10002 Datasheet
620Kb / 73P
[Old version datasheet]   10Gbps Dual-Channel Multi-Rate Transceiver
MAY2011
logo
Broadcom Corporation.
BCM8128 BOARDCOM-BCM8128 Datasheet
125Kb / 1P
   MULTI RATE 10GBPS SONET / SDH/ 10GE/FEC MUX
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
Texas Instruments
DS250DF810 TI1-DS250DF810 Datasheet
899Kb / 12P
[Old version datasheet]   25 Gbps Multi-Rate 8-Channel Retimer
DS280DF810 TI1-DS280DF810 Datasheet
332Kb / 11P
[Old version datasheet]   28 Gbps Multi-Rate 8-Channel Retimer
DS280DF810 TI1-DS280DF810_V01 Datasheet
2Mb / 51P
[Old version datasheet]   DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
logo
Finisar Corporation.
FTLX3912M3 FINISAR-FTLX3912M3 Datasheet
477Kb / 14P
   High Link Budget, Multi-Rate, DWDM XFP Optical Transceiver
logo
Texas Instruments
DS90UA101-Q1 TI1-DS90UA101-Q1_14 Datasheet
571Kb / 41P
[Old version datasheet]   Multi-Channel Digital Audio Link
DS90UA102-Q1 TI1-DS90UA102-Q1_14 Datasheet
1Mb / 47P
[Old version datasheet]   Multi-Channel Digital Audio Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com