Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62565DBV Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV62565DBV
Description  1.5-A High Efficiency Step-Down Converter in SOT23-5 Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62565DBV Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV62565DBV Datasheet HTML 7Page - Texas Instruments TLV62565DBV Datasheet HTML 8Page - Texas Instruments TLV62565DBV Datasheet HTML 9Page - Texas Instruments TLV62565DBV Datasheet HTML 10Page - Texas Instruments TLV62565DBV Datasheet HTML 11Page - Texas Instruments TLV62565DBV Datasheet HTML 12Page - Texas Instruments TLV62565DBV Datasheet HTML 13Page - Texas Instruments TLV62565DBV Datasheet HTML 14Page - Texas Instruments TLV62565DBV Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SW
OUT
L
L
IT
VALLEY,LIM
PEAK,LIMIT
f
D)
(
L
V
I
I
I
I
-
´
=
+
=
1
Inductor
Current
t
Valley current limit
Maximum load current
Peak current limit
Secondary current limit
TLV62565
TLV62566
www.ti.com
SLVSBC1 – OCTOBER 2013
ENABLING/DISABLING THE DEVICE
The device is enabled by setting the EN input to a logic HIGH. Accordingly, a logic LOW disables the device. If
the device is enabled, the internal power stage starts switching and regulates the output voltage to the set point
voltage. The EN input must be terminated and should not be left floating.
SOFT START
After enabling the device, internal soft-start circuitry monotonically ramps up the output voltage which reaches
nominal output voltage during a soft-start time of 250 µs (typical). This avoids excessive inrush current and
creates a smooth output voltage rise slope. It also prevents excessive voltage drops of primary cells and
rechargeable batteries with high internal impedance.
If the output voltage is not reached within the soft-start time, such as in the case of a heavy load, the converter
enters regular operation. The TLV62565/6 are able to start into a pre-biased output capacitor. The converter
starts with the applied bias voltage and ramps the output voltage to its nominal value.
SWITCH CURRENT LIMIT
The switch current limit prevents the device from high inductor current and drawing excessive current from a
battery or input voltage rail. Excessive current might occur with a heavy load or shorted output circuit condition.
The TLV62565/6 adopt valley current control by sensing the current of the low-side MOSFET. Once the low-side
valley switch current limit is tripped, the low-side MOSFET is turned off and limits the inductor's valley current.
The high-side current is also limited which is determined by the on time of the high-side MOSFET and inductor
value calculated by Equation 1. For example, with 3.6 VIN to 1.8 VOUT and 2.2-µH specification, the peak current
limit is approximately 1.97 A with a typical valley current limit of 1.7 A.
Additionally, there is a secondary high-side current limit (typical 2 A) to prevent the current from going too high,
which is shown in Figure 24. Due to the internal propagation delay, the real current limit value might be higher
than the static current limit in the electrical characteristics table.
Figure 24. Switch Current Limit
where:
IPEAK,LIMIT is the high-side peak current limit
IVALLEY,LIMIT is the low-side valley current limit
(1)
POWER GOOD
The TLV62566 integrates a Power Good output going low when the output voltage is below its nominal value.
The Power Good output stays high impedance once the output is above 95% of the regulated voltage and is low
once the output voltage falls below typically 90% of the regulated voltage. The PG pin is an open drain output
and is specified to sink typically up to 0.5 mA. The Power Good output requires a pull-up resistor connected to
any voltage lower than 5.5 V. When the device is off due to UVLO or thermal shutdown, the PG pin is pulled to
logic low.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV62565 TLV62566


Similar Part No. - TLV62565DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62565DBVR TI-TLV62565DBVR Datasheet
1Mb / 27P
[Old version datasheet]   TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
TLV62565DBVT TI-TLV62565DBVT Datasheet
1Mb / 27P
[Old version datasheet]   TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
More results

Similar Description - TLV62565DBV

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA3406 ETA-ETA3406 Datasheet
269Kb / 1P
   1.5MHz 1.2A Step-Down Converter in SOT23-5 Package
ETA3408 ETA-ETA3408 Datasheet
194Kb / 1P
   1A, 1.5MHz Step-Down Converter in SOT23-5 Package
ETA3486 ETA-ETA3486 Datasheet
194Kb / 1P
   1A, 1.5MHz Step-Down Converter in SOT23-5 Package
logo
Monolithic Power System...
MP1522 MPS-MP1522 Datasheet
202Kb / 7P
   25V Step-Up Converter in a SOT23-5 Package
MP1522 MPS-MP1522_06 Datasheet
174Kb / 6P
   25V Step-Up Converter in a SOT23-5 Package
logo
Texas Instruments
TLV62565 TI-TLV62565_15 Datasheet
1Mb / 27P
[Old version datasheet]   TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
TPS62510 TI-TPS62510 Datasheet
2Mb / 24P
[Old version datasheet]   1.5-A, LOW VI HIGH EFFICIENCY STEP-DOWN CONVERTER
TPS62510 TI-TPS62510_15 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A, LOW VI HIGH EFFICIENCY STEP-DOWN CONVERTER
logo
ETA SOLUTIONS CO. LIMIT...
ETA3409 ETA-ETA3409 Datasheet
365Kb / 1P
   3MHz 1.5A/2A High 흯 Step-Down Converter in SOT23-5 Package
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com