Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110IMX35D15D15-8 Datasheet(PDF) 11 Page - Power-One

Part # 110IMX35D15D15-8
Description  IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

110IMX35D15D15-8 Datasheet(HTML) 11 Page - Power-One

Back Button 110IMX35D15D15-8 Datasheet HTML 7Page - Power-One 110IMX35D15D15-8 Datasheet HTML 8Page - Power-One 110IMX35D15D15-8 Datasheet HTML 9Page - Power-One 110IMX35D15D15-8 Datasheet HTML 10Page - Power-One 110IMX35D15D15-8 Datasheet HTML 11Page - Power-One 110IMX35D15D15-8 Datasheet HTML 12Page - Power-One 110IMX35D15D15-8 Datasheet HTML 13Page - Power-One 110IMX35D15D15-8 Datasheet HTML 14Page - Power-One 110IMX35D15D15-8 Datasheet HTML 15Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
®
IMX35 Series Data Sheet
35 Watt Quad-Output DC-DC Converters
BCD20009-G Rev AC, 06-May-2013
Page 11 of 15
Electromagnetic Immunity
Table 11: Immunity type tests
Phenomenon
Standard
Class
Coupling
Value
Waveform
Source
Test
In
Perf-
Level
mode 1
applied
imped.
procedure
oper.
crit.2
Electrostatic
IEC/EN
2
contact discharge
4000 Vp
1/50 ns
330
10 positive and
yes
B
discharge
61000-4-2
(Trim pin open)
10 negative
to case
3
air discharge
8000 Vp
discharges
(Trim pin open)
Electromagnetic
IEC/EN
3 3
antenna
10 V/m
AM 80%
n.a.
80 to 1000 MHz
yes
A
field
61000-4-3
1 kHz
ENV 50204
3
antenna
10 V/m
PM, 50% duty
n.a.
900 MHz
yes
A
cycle, 200 Hz
repetition frequ.
Electrical fast
IEC/EN
4
direct +i/–i
±4000 Vp bursts of 5/50 ns
50
60 s positive,
yes
B
transients/burst
61000-4-4
2.5/5 kHz
60 s negative
over 15 ms,
transients per
burst period
coupling mode
300 ms
Surges
IEC/EN
3 4
+i/– i
±2000 Vp
1.2/50 µs
2
5 pos. and 5 neg.
yes
B
61000-4-5
surges
EN 50155:
A 5
+i/ c, – i/c
±1800 Vp
5/50 µs
100
yes
B
2001
B 6
+i/ c, – i/c
8400 Vp
0.05/ 0.1 µs
100
yes
B
RF Conducted
IEC/EN
3
+i/– i
10 VAC
AM modulated
50
0.15 to 80 MHz
yes
A
immunity
61000-4-6
(140 dBµV)
80%, 1 k Hz
150
1 i = input, o = output, c = case (not with option Z)
2 A = normal operation, no deviation from specification, B = temporary deviation from specs. possible.
3 Corresponds to EN 50121-3-2:2000, table 9.1
4 External components required; see fig. 4
5 Corresponds to EN 50155:1995, waveform D
6 Corresponds to EN 50155:1995, waveform G
effective protection against high input transient voltages which
typically occur in many installations, but especially in battery-
driven mobile applications.
Electromagnetic Compatibility (EMC)
A suppressor diode together with an input filter form an
Fig. 14
Typ. disturbances (quasi-peak and average) at the input
according to EN 55011/ 22, measured at Vi nom and Io nom
(110IMX35D05D12-8 with input choke 2
× 1.1 mH).
Electromagnetic Emissions
PMM 8000 PLUS: Peak, conducted Vi+, QP + AV, 2006-10-01, 2x 1.1 mH,
110IMX35D05D12, Ui=110 V, Uo1=Uo4=5 V, Io1=Uo4=1.4 A, Uo2=Uo3=12 V Io2=Uo3=0.6 A
0
dBµV
20
60
80
0.2
0.5
1
2
5
10
20 MHz
JM072
40
EN 55022 A QP
EN 55022 A AV


Similar Part No. - 110IMX35D15D15-8

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
110IMX35D15D15-8G BEL-110IMX35D15D15-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
More results

Similar Description - 110IMX35D15D15-8

ManufacturerPart #DatasheetDescription
logo
Power-One
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
IMX35 BEL-IMX35 Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com