Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904-13-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBT3904-13-F
Description  40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3904-13-F Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBT3904-13-F Datasheet HTML 1Page - Diodes Incorporated MMBT3904-13-F Datasheet HTML 2Page - Diodes Incorporated MMBT3904-13-F Datasheet HTML 3Page - Diodes Incorporated MMBT3904-13-F Datasheet HTML 4Page - Diodes Incorporated MMBT3904-13-F Datasheet HTML 5Page - Diodes Incorporated MMBT3904-13-F Datasheet HTML 6Page - Diodes Incorporated MMBT3904-13-F Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMBT3904
Document number: DS30036 Rev. 20 - 2
2 of 7
www.diodes.com
August 2012
© Diodes Incorporated
MMBT3904
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Continuous Collector Current
IC
200
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 6)
PD
310
mW
(Note 7)
350
Thermal Resistance, Junction to Ambient
(Note 6)
RθJA
403
°C/W
(Note 7)
357
Thermal Resistance, Junction to Leads
(Note 8)
RθJL
350
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
ESD Ratings (Note 9)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
≥ 8,000
V
3B
Electrostatic Discharge - Machine Model
ESD MM
≥ 400
V
C
Notes:
6. For the device mounted on minimum recommended pad layout FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
7. For the device mounted on 15mm x 15mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
8. Thermal resistance from junction to solder-point (at the end of the collector lead).
9. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - MMBT3904-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904-13-F DIODES-MMBT3904-13-F Datasheet
405Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR
More results

Similar Description - MMBT3904-13-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT2222ALP4 DIODES-MMBT2222ALP4_15 Datasheet
155Kb / 7P
   40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT2222ALP4 DIODES-MMBT2222ALP4 Datasheet
155Kb / 7P
   40V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
2DA1774QLP DIODES-2DA1774QLP Datasheet
103Kb / 4P
   40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT3906LP DIODES-MMBT3906LP Datasheet
162Kb / 5P
   40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT2222A DIODES-MMBT2222A_16 Datasheet
244Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR
MMBT3904 DIODES-MMBT3904_17 Datasheet
405Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR
MMBT2222AT DIODES-MMBT2222AT_18 Datasheet
556Kb / 6P
   40V NPN SMALL SIGNAL TRANSISTOR
MMST2222A DIODES-MMST2222A_16 Datasheet
368Kb / 6P
   40V NPN SMALL SIGNAL TRANSISTOR
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com