Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70028QDDCRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70028QDDCRQ1
Description  200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70028QDDCRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TLV70028QDDCRQ1 Datasheet HTML 1Page - Texas Instruments TLV70028QDDCRQ1 Datasheet HTML 2Page - Texas Instruments TLV70028QDDCRQ1 Datasheet HTML 3Page - Texas Instruments TLV70028QDDCRQ1 Datasheet HTML 4Page - Texas Instruments TLV70028QDDCRQ1 Datasheet HTML 5Page - Texas Instruments TLV70028QDDCRQ1 Datasheet HTML 6Page - Texas Instruments TLV70028QDDCRQ1 Datasheet HTML 7Page - Texas Instruments TLV70028QDDCRQ1 Datasheet HTML 8Page - Texas Instruments TLV70028QDDCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TLV70012A-Q1, TLV70025-Q1, TLV70028-Q1
TLV70030-Q1, TLV70032-Q1, TLV70033-Q1
www.ti.com
SLVSA61F – FEBRUARY 2010 – REVISED AUGUST 2013
ELECTRICAL CHARACTERISTICS
VIN = VOUT(TYP) + 0.3 V or 2 V (whichever is greater); IOUT = 10 mA, VEN = VIN, COUT = 1 μF, and TA = –40°C to 125°C (unless
otherwise noted). Typical values are at TA = 25°C.
space
TLV700xx-Q1
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2
5.5
V
VOUT ≥ 1 V
–2
2
%
VOUT
DC output accuracy
–40°C
≤ TA ≤ 125°C
VOUT < 1 V
–20
20
mV
VOUT(NOM) + 0.5 V ≤ VIN ≤ 5.5 V
ΔVO / ΔVIN
Line regulation
1
5
mV
IOUT = 10 mA
0 mA
≤ IOUT ≤ 200 mA, TLV70025-Q1
15
TLV70030-Q1,TLV70033-Q1
ΔVO / ΔIOUT
Load regulation
mV
0 mA
≤ IOUT ≤ 200 mA, TLV70012A-Q1
20
VDO
Dropout voltage(1)
VIN = 0.98 × VOUT(NOM), IOUT = 200 mA
175
250
mV
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
220
350
550
mA
IOUT = 0 mA
31
55
μA
IGND
Ground pin current
IOUT = 200 mA, VIN = VOUT + 0.5 V
270
μA
ISHDN
Ground pin current (shutdown)
VEN ≤ 0.4 V, 2.0 V ≤ VIN ≤ 4.5 V
1
2.5
μA
VIN = 2.3 V, VOUT = 1.8 V
PSRR
Power-supply rejection ratio
68
dB
IOUT = 10 mA, f = 1 kHz
BW = 100 Hz to 100 kHz
VN
Output noise voltage
48
μVRMS
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA
tSTR
Startup time(2)
COUT = 1 μF, IOUT = 200 mA
100
μs
VEN(HI)
Enable pin high (enabled)
0.9
VIN
V
VEN(LO)
Enable pin low (disabled)
0
0.4
V
IEN
Enable pin current
VEN = 5.5 V , IOUT = 10 μA
0.04
0.5
μA
UVLO
Undervoltage lockout
VIN rising
1.9
V
Shutdown, temperature increasing
160
°C
TSD
Thermal shutdown temperature
Reset, temperature decreasing
140
°C
TA
Operating ambient temperature
–40
125
°C
(1)
VDO is measured for devices with VOUT(NOM) ≥ 2.35 V.
(2)
Startup time = time from EN assertion to 0.98 × VOUT(NOM).
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLV70012A-Q1 TLV70025-Q1 TLV70028-Q1 TLV70030-Q1 TLV70032-Q1 TLV70033-Q1


Similar Part No. - TLV70028QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70028QDDCRQ1 TI1-TLV70028QDDCRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70028QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com