Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70030QDCKRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70030QDCKRQ1
Description  200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70030QDCKRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TLV70030QDCKRQ1 Datasheet HTML 1Page - Texas Instruments TLV70030QDCKRQ1 Datasheet HTML 2Page - Texas Instruments TLV70030QDCKRQ1 Datasheet HTML 3Page - Texas Instruments TLV70030QDCKRQ1 Datasheet HTML 4Page - Texas Instruments TLV70030QDCKRQ1 Datasheet HTML 5Page - Texas Instruments TLV70030QDCKRQ1 Datasheet HTML 6Page - Texas Instruments TLV70030QDCKRQ1 Datasheet HTML 7Page - Texas Instruments TLV70030QDCKRQ1 Datasheet HTML 8Page - Texas Instruments TLV70030QDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
OUT
N/C
(1)
IN
GND
EN
1
2
3
5
4
OUT
N/C
(1)
IN
GND
EN
1
2
3
5
4
TLV700xx-Q1
GND
EN
IN
OUT
V
IN
V
OUT
On
Off
C
IN
C
OUT
1 µF
Ceramic
TLV70012A-Q1, TLV70025-Q1, TLV70028-Q1
TLV70030-Q1, TLV70032-Q1, TLV70033-Q1
www.ti.com
SLVSA61F – FEBRUARY 2010 – REVISED AUGUST 2013
200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
Check for Samples: TLV70012A-Q1, TLV70025-Q1, TLV70028-Q1, TLV70030-Q1, TLV70032-Q1, TLV70033-Q1
1
FEATURES
DESCRIPTION
The TLV700xx-Q1 family of low-dropout (LDO) linear
Qualified for Automotive Applications
regulators are low-quiescent-current devices with
AEC-Q100 Qualified With the Following
excellent line and load transient performance. These
Results:
LDOs are designed for power-sensitive applications.
Device Temperature Grade 1: –40°C to
A precision band-gap and error amplifier provides
overall 2% accuracy. Low output noise, very high
125°C Ambient Operating Temperature
power-supply rejection ratio (PSRR), and low dropout
Range
voltage make this series of devices ideal for most
Device HBM ESD Classification Level H2
battery-operated handheld equipment. All device
Device CDM ESD Classification Level C4B
versions have thermal shutdown and current limit for
safety.
2% Accuracy
Low IQ: 31 μA
Furthermore, these devices are stable with an
effective output capacitance of only 0.1
μF. This
Fixed Output Voltage of 3.3 V
feature enables the use of cost-effective capacitors
High PSRR: 68 dB at 1 kHz
that have higher bias voltages and temperature
Stable With Effective Capacitance of 0.1
μF
derating. The devices regulate to specified accuracy
with no output load.
Thermal Shutdown and Overcurrent Protection
Latch-Up Performance Meets 100 mA
The TLV700xx-Q1 LDOs are available in the SOT23-
Per AEC-Q100, Level I
5 (DDC) and the SC70-5 (DCK) packages.
Available in the SOT23-5 (DDC) and SC70-5
(DCK) Packages
APPLICATIONS
Automotive
TLV700xx-Q1 DDC
SOT23-5 PACKAGE
(TOP VIEW)
Typical Application Circuit (Fixed-Voltage
Versions)
TLV700xx-Q1 DCK
SC70-5 PACKAGE
(TOP VIEW)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV70030QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70030QDCKRQ1 TI1-TLV70030QDCKRQ1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70030QDCKRQ1 TI1-TLV70030QDCKRQ1 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70030QDCKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com