Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320F28377DPTPS Datasheet(PDF) 1 Page - Texas Instruments

Part # TMX320F28377DPTPS
Description  TMS320F2837XD Dual-Core Delfino Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX320F28377DPTPS Datasheet(HTML) 1 Page - Texas Instruments

  TMX320F28377DPTPS Datasheet HTML 1Page - Texas Instruments TMX320F28377DPTPS Datasheet HTML 2Page - Texas Instruments TMX320F28377DPTPS Datasheet HTML 3Page - Texas Instruments TMX320F28377DPTPS Datasheet HTML 4Page - Texas Instruments TMX320F28377DPTPS Datasheet HTML 5Page - Texas Instruments TMX320F28377DPTPS Datasheet HTML 6Page - Texas Instruments TMX320F28377DPTPS Datasheet HTML 7Page - Texas Instruments TMX320F28377DPTPS Datasheet HTML 8Page - Texas Instruments TMX320F28377DPTPS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
TMS320F28377D, TMS320F28376D
www.ti.com
SPRS880 – DECEMBER 2013
TMS320F2837xD Dual-Core Delfino™ Microcontrollers
Check for Samples: TMS320F28377D, TMS320F28376D
1
TMS320F2837xD Dual-Core Delfino MCUs
1.1
Features
123
• Dual-Core Architecture
• Analog Subsystem
– Two TMS320C28x™ 32-Bit CPUs
– Four Dual-Mode Analog-to-Digital Converters
– 200 MHz (5-ns Cycle Time)
– 16-Bit Mode
– IEEE 754 Single-Precision Floating-Point
1.1 MSPS Each (Up to 4.4-MSPS System)
Unit (FPU)
Differential
– Trigonometric Math Unit (TMU)
External Reference
– Viterbi/Complex Math Unit (VCU-II)
Up to 12 External Channels
– 16 x 16 and 32 x 32 MAC Operations
– 12-Bit Mode
– 16 x 16 Dual MAC
3.5 MSPS Each (Up to 14-MSPS System)
– Three 32-Bit CPU Timers per Core
Single-Ended or Differential
– Harvard Bus Architecture
External Reference
– Fast Interrupt Response and Processing
Up to 24 External Channels
– Unified Memory Programming Model
– Single Sample-and-Hold (S/H)
• Two Programmable Control Law Accelerators
(Four-Simultaneous-S/H System)
– 200 MHz (5-ns Cycle Time)
– Integrated Post-Processing of ADC
Conversions
– 32-Bit Floating-Point Math Accelerator
(IEEE 754 Single Precision)
Saturating Offset Calibration
– Executes Code Independently of Main CPU
Error From Setpoint Calculation
• On-Chip Memory
High, Low, and Zero-Crossing Compare,
With Interrupt Capability
– Up to 1MB Flash, Up to 204KB RAM
Trigger-to-Sample Delay Capture
– Boot ROM (64KB)
– Analog Comparator/Digital-to-Analog
SPI, I2C, CAN, and Parallel I/O Software
Converter (DAC) Subsystem With Glitch
Boot Modes
Filter, for Windowed Trip Monitor and PCMC
Standard Math Tables
Interfaces
• System Peripherals
Eight Windowed Comparators With 12-Bit
– Dual 32- and 16-Bit EMIF With ASRAM and
DAC References
SDRAM Support
– Three 12-Bit Buffered DAC Outputs
– Dual 6-Channel DMA Controller
• Enhanced Control Peripherals
– Up to 169 Individually Programmable,
– 24 PWM Channels With Enhanced Features
Multiplexed GPIO Pins With Input Filtering
– 16 High-Resolution PWM Channels
• Communications Peripherals
High-Resolution on Both A and B
– USB 2.0 + PHY Port
Channels of 8 PWM Modules
– Support for 12-Pin 3.3 V-Compatible
Dead-Band Support (on Both Standard
Universal Parallel Port (uPP) Interface
and High-Resolution)
– Two CAN-Bus Ports (32 Mailboxes Each)
– Six Capture Modules
– Three High-Speed (40-MHz) SPI Ports With
– Three Quadrature Encoder Pulse
16-Level FIFO, DMA Support, and
(QEP) Modules
CLA-Accessible
– Two Sigma-Delta Filter Modules (SDFMs)
– Two Multichannel Buffered Serial Ports
With up to 8 Input Channels, Plus PWM
– Four Serial Communications Interfaces
Synchronization
– Two Inter-Integrated Circuit (I2C) Interfaces
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Delfino, TMS320C28x, Code Composer Studio, DSP/BIOS, SYS/BIOS, PowerPAD, C2000, TMS320C54x, TMS320C55x,
XDS510, XDS560, C28x are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
ADVANCE INFORMATION concerns new products in the sampling or preproduction
Copyright © 2013, Texas Instruments Incorporated
phase of development. Characteristic data and other specifications are subject to change
without notice.


Similar Part No. - TMX320F28377DPTPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320F28379DZWTT TI1-TMX320F28379DZWTT Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
More results

Similar Description - TMX320F28377DPTPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28379D TI1-TMS320F28379D_V01 Datasheet
2Mb / 222P
[Old version datasheet]   TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI-TMS320F28379D_V03 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI-TMS320F28379D_V02 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
[Old version datasheet]   Dual-Core Delfino??Microcontrollers
TMS320F28377D-EP TI-TMS320F28377D-EP_V01 Datasheet
2Mb / 208P
[Old version datasheet]   TMS320F28377D-EP Dual-Core Delfino??Microcontrollers
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com