Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20IMX35D15D15-8 Datasheet(PDF) 9 Page - Power-One

Part # 20IMX35D15D15-8
Description  IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

20IMX35D15D15-8 Datasheet(HTML) 9 Page - Power-One

Back Button 20IMX35D15D15-8 Datasheet HTML 5Page - Power-One 20IMX35D15D15-8 Datasheet HTML 6Page - Power-One 20IMX35D15D15-8 Datasheet HTML 7Page - Power-One 20IMX35D15D15-8 Datasheet HTML 8Page - Power-One 20IMX35D15D15-8 Datasheet HTML 9Page - Power-One 20IMX35D15D15-8 Datasheet HTML 10Page - Power-One 20IMX35D15D15-8 Datasheet HTML 11Page - Power-One 20IMX35D15D15-8 Datasheet HTML 12Page - Power-One 20IMX35D15D15-8 Datasheet HTML 13Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
®
IMX35 Series Data Sheet
35 Watt Quad-Output DC-DC Converters
BCD20009-G Rev AC, 06-May-2013
Page 9 of 15
Table 7: Rext for Vo > Vo nom;
approximate values (Vi nom, Io = 0.5 Io nom)
Vo [% Vonom]
Rext [kΩ
Ω]
Trim
Trim1
105 to 108 (107 typically)
0
0
105
10
17
102
62
110
100
∞∞
Auxiliary Functions
Adjustable Output Voltage
As a standard feature, the IMX35 offer adjustable output
voltages in the range of 85 to 105% of Vo nom. Fig. 12 shows the
schematic diagram for the adjustment of quad-output models.
All models with equal output voltages have a Trim input at pin
5 referenced to the primary side, influencing all outputs simul-
taneously. Models with different output voltages exhibit a
Trim1 input, influencing only the first power train (Vo1 and Vo4).
Adjustment by means of an external resistor Rext:
Fig. 13
Output voltage control by means of the Trim input
Table 8: Vo versus Vext for Vo = 85 to 105% Vo nom;
typical values (Vi nom, Io = 0.5 Io nom)
Vo [% Vo nom]
Vext [V]
Trim [V]
Trim1 [V]
>105
0
0
102
1.8
1.5
100
2.5
2.5
95
4.3
4.25
90
6.2
6.2
85
8
8
Synchronization (W)
It is possible to synchronize the switching frequency of one or
more converters to an external clock signal.
This logic input W can be used to synchronize the oscillator to
an external frequency source. This signal is edge-triggered
with TTL thresholds and requires a source frequency of 490 to
540 kHz (duty cycle 10 to 90%). The external source frequency
is internally divided by 2 to define the switching frequency of
the converter. If unused, this pin can be connected to V1– (pin
2) or left open-circuit.
Reference Output (Ref)
The converter provides a stable 5 V (±0.1 V) reference signal
on pin 7 (Ref). The output is protected by a 1 k
Ω resistor. The
signal may be used also in conjunction with the Trim input (pin
5) as a limited external voltage reference.
It is recommended to connect a filter capacitor (0 .1 µF)
between Ref and Vi–, if Ref is used.
Shutdown
The outputs of the converters may be enabled or disabled by
means of a logic signal (TTL, CMOS, etc.) applied to shut-
down (pin 8). If the shutdown function is not required, pin 8
should be left open-circuit:
Converter operating:
2.0 to 20 V
Converter disabled:
–10 to 0.7 V
Adjustment of the output voltage by means of an external
resistor Rext is possible within the range of 100 to 105% of
Vo nom. Rext should be connected between Trim (pin 5) and Vi–
(pin 2). The following table indicates suitable resistor values for
typical output voltages under nominal conditions (Vi nom, Io =
0.5 Io nom).
Note: Connection of Rext to Vi+ may damage the converter.
Adjustment by means of an external voltage source Vext
For external output voltage adjustment in the range 85 to
105% of Vo nom a voltage source Vext (0 to 20 V) is required,
connected to Trim or Trim1 (pin 5) and Vi–. The table below
indicates typical values Vo versus Vext. Applying a control
voltage of 15 to 20 V will set the converter into the hiccup
mode. Direct paralleling of the Trim pins of converters of the
same type connected in parallel is feasible.
Trim
Vo1+
Vo2–
+
V
ext
Vi+
Vi–
R
ext
Vo1–
Vo2+
06137c
Control
circuit
V
ref = 2.5 V
4
5
2
16
15
13
14


Similar Part No. - 20IMX35D15D15-8

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
20IMX35D15D15-8G BEL-20IMX35D15D15-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
More results

Similar Description - 20IMX35D15D15-8

ManufacturerPart #DatasheetDescription
logo
Power-One
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
IMX35 BEL-IMX35 Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
IMX35 POWER-ONE-IMX35 Datasheet
132Kb / 4P
   35 Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
40IMX7-05-8 POWER-ONE-40IMX7-05-8 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com