Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMX320F28376DPTPS Datasheet(PDF) 2 Page - Texas Instruments

Part # TMX320F28376DPTPS
Description  TMS320F2837XD Dual-Core Delfino Microcontrollers
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMX320F28376DPTPS Datasheet(HTML) 2 Page - Texas Instruments

  TMX320F28376DPTPS Datasheet HTML 1Page - Texas Instruments TMX320F28376DPTPS Datasheet HTML 2Page - Texas Instruments TMX320F28376DPTPS Datasheet HTML 3Page - Texas Instruments TMX320F28376DPTPS Datasheet HTML 4Page - Texas Instruments TMX320F28376DPTPS Datasheet HTML 5Page - Texas Instruments TMX320F28376DPTPS Datasheet HTML 6Page - Texas Instruments TMX320F28376DPTPS Datasheet HTML 7Page - Texas Instruments TMX320F28376DPTPS Datasheet HTML 8Page - Texas Instruments TMX320F28376DPTPS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 110 page
background image
TMS320F28377D, TMS320F28376D
SPRS880 – DECEMBER 2013
www.ti.com
• Expanded Peripheral Interrupt (ePIE) Block
– Dynamic PLL Ratio Changes Supported
– Supports up to 192 Peripheral Interrupts
– Watchdog Timer Module
– GPIO Pins can be Connected to 5 Core
– Missing Clock Detection Circuitry
Interrupts
• 1.2-V Core, 3.3-V I/O Design
• JTAG Boundary Scan Support (1)
• Development Support Includes
• Advanced Emulation Features
– ANSI C/C++ Compiler/Assembler/Linker
– Analysis and Breakpoint Functions
– Code Composer Studio™ IDE
– Two Hardware Breakpoints per CPU
– DSP/BIOS™ and SYS/BIOS™
– Real-Time Debug via Hardware
– Digital Motor Control and Digital Power
• Independent Dual-Zone Security per CPU
Libraries
– 128-Bit Security Key and Lock
• Package Options:
– Protects Flash, OTP, and RAM Blocks
– Lead-Free, Green Packaging
• Safety and Reliability Features
– 337-Ball New Fine Pitch Ball Grid Array
(nFBGA) [ZWT Suffix]
– ECC on Flash, ECC or Parity on RAMs
– 176-Pin PowerPAD™ Thermally Enhanced
– Missing Clock Detection
Low-Profile Quad Flatpack (HLQFP)
– Self-Test and Real-Time Self-Test BIST
[PTP Suffix]
• Low-Power Modes and Power Savings
• Temperature Options:
– IDLE, STANDBY, HALT, and HIBERNATE
– T: –40ºC to 105ºC
Modes Supported
– S: –40ºC to 125ºC
– Disable Individual Peripheral Clocks
– Q: –40ºC to 125ºC
• Clock and System Control
(Q100 Qualification for Automotive
– Two Internal Zero-Pin 10-MHz Oscillators
Applications)
– On-Chip Crystal Oscillator/External Clock
Input
(1)
IEEE Standard 1149.1-1990 Standard Test Access Port and
Boundary Scan Architecture
2
TMS320F2837xD Dual-Core Delfino MCUs
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320F28377D TMS320F28376D


Similar Part No. - TMX320F28376DPTPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320F28379DZWTT TI1-TMX320F28379DZWTT Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
More results

Similar Description - TMX320F28376DPTPS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28379D TI1-TMS320F28379D_V01 Datasheet
2Mb / 222P
[Old version datasheet]   TMS320F2837xD Dual-Core Delfino??Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI-TMS320F28379D_V03 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI-TMS320F28379D_V02 Datasheet
5Mb / 226P
[Old version datasheet]   TMS320F2837xD Dual-Core Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D TI1-TMS320F28377D_14 Datasheet
1Mb / 121P
[Old version datasheet]   Dual-Core Delfino??Microcontrollers
TMS320F28377D-EP TI-TMS320F28377D-EP_V01 Datasheet
2Mb / 208P
[Old version datasheet]   TMS320F28377D-EP Dual-Core Delfino??Microcontrollers
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com