Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD1S414 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPD1S414
Description  USB CHARGER OVP SWITCH WITH ESD FOR VBUS_CON PIN
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD1S414 Datasheet(HTML) 2 Page - Texas Instruments

  TPD1S414 Datasheet HTML 1Page - Texas Instruments TPD1S414 Datasheet HTML 2Page - Texas Instruments TPD1S414 Datasheet HTML 3Page - Texas Instruments TPD1S414 Datasheet HTML 4Page - Texas Instruments TPD1S414 Datasheet HTML 5Page - Texas Instruments TPD1S414 Datasheet HTML 6Page - Texas Instruments TPD1S414 Datasheet HTML 7Page - Texas Instruments TPD1S414 Datasheet HTML 8Page - Texas Instruments TPD1S414 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Internal Bandgap
Reference
Control Logic
and Charge
Pump
VBUS_CON
VBUS_SYS
/ACK
/EN
GND
Precision
Surge
Clamping
Circuit
TPD1S414
SLLSEH9A – OCTOBER 2013 – REVISED OCTOBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
Table 1. DEVICE OPERATION
Voltage Condition
Current Condition
VBUS_CON
VBUS_SYS
EN
Current Flow
Comment
ACK Pin
X
<VBUS_CON
High
No Flow
Switch off
High-Z
X
>VBUS_CON
High
VBUS_SYS to VBUS_CON
Switch off, current flows through the body diode
High-Z
Current flows through the switch, normal device
<OVP
<VBUS_CON
Low
VBUS_CON to VBUS_SYS
Low
charging mode
Current flows through the switch, normal host
<OVP
>VBUS_CON
Low
VBUS_SYS to VBUS_CON
Low
mode
>OVP
<VBUS_CON
Low
No Flow
Switch off due to OVP
High-Z
>OVP
>VBUS_CON
Low
VBUS_SYS to VBUS_CON
Switch off, current flows through the body diode
High-Z
No Flow/ Current thru
X
X
X
THERMAL SHUTDOWN CONDITION
High-Z
Body Diode
<VUVLO
<VBUS_CON
Low
No Flow
Low Voltage is cut-off from the system
High-Z
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPD1S414


Similar Part No. - TPD1S414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1S414 TI1-TPD1S414 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
More results

Similar Description - TPD1S414

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD1S414 TI1-TPD1S414_14 Datasheet
1Mb / 19P
[Old version datasheet]   USB CHARGER OVP SWITCH WITH ESD FOR V
logo
Maxim Integrated Produc...
MAX20342 MAXIM-MAX20342 Datasheet
1Mb / 91P
   USB Type-C Charger Detector with Integrated OVP
Rev 1; 11/20
logo
Diodes Incorporated
API9221 DIODES-API9221 Datasheet
295Kb / 17P
   Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
logo
Linear Technology
LTC4067 LINER-LTC4067_15 Datasheet
233Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
LTC4067 LINER-LTC4067 Datasheet
216Kb / 20P
   USB Power Manager with OVP and Li-Ion/Polymer Charger
logo
Unisonic Technologies
USB4S012 UTC-USB4S012 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Texas Instruments
TPD4S012 TI1-TPD4S012_14 Datasheet
649Kb / 13P
[Old version datasheet]   4-CHANNEL ESD SOLUTION FOR USB-HS/USB OTG/USB CHARGER INTERFACE
logo
Shenzhen Huazhimei Semi...
HM2514 HMSEMI-HM2514 Datasheet
521Kb / 6P
   USB Charger Emulator with Adjustable Power Switch
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com