Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3951SW Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A3951SW
Description  FULL-BRIDGE PWM MOTOR DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3951SW Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A3951SW Datasheet HTML 2Page - Allegro MicroSystems A3951SW Datasheet HTML 3Page - Allegro MicroSystems A3951SW Datasheet HTML 4Page - Allegro MicroSystems A3951SW Datasheet HTML 5Page - Allegro MicroSystems A3951SW Datasheet HTML 6Page - Allegro MicroSystems A3951SW Datasheet HTML 7Page - Allegro MicroSystems A3951SW Datasheet HTML 8Page - Allegro MicroSystems A3951SW Datasheet HTML 9Page - Allegro MicroSystems A3951SW Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3951
FULL-BRIDGE
PWM MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
6
Choosing a small value for R
S essentially disables the
current limiting during braking. Therefore, care should be
taken to ensure that the motor’s current does not exceed
the absolute maximum ratings of the device. The braking
current can be measured by using an oscilloscope with a
current probe connected to one of the motor’s leads.
CAUTION: Because the kinetic energy stored in the
motor and load inertia is being converted into current,
which charges the V
BB supply bulk capacitance (power
supply output and decoupling capacitance), care must be
taken to ensure the capacitance is sufficient to absorb the
energy without exceeding the voltage rating of any devices
connected to the motor supply.
RC Fixed Off Time
The internal PWM current control circuitry uses a one
shot to control the time the driver remains off. The one
shot time, t
off (fixed off time), is determined by the selection
of an external resistor (R
T) and capacitor (CT) connected in
parallel from the RC terminal to ground. The fixed off time,
over a range of values of C
T = 820 pF to 1500 pF and RT =
12 k
Ω to 100 kΩ, is approximated by
t
off = RT•CT.
When the PWM latch is reset by the current compara-
tor, the voltage on the RC terminal will begin to decay from
approximately 3 volts. When the voltage on the RC
terminal reaches approximately 1.1 volts, the PWM latch is
set, thereby re-enabling the driver.
RC Blanking
In addition to determining the fixed off time of the
PWM control circuit, the C
T component sets the compara-
tor blanking time. This function blanks the output of the
comparator when the outputs are switched by the internal
current control circuitry (or by the PHASE, BRAKE, or
ENABLE inputs). The comparator output is blanked to
prevent false over-current detections due to reverse
recovery currents of the clamp diodes, and/or switching
transients related to distributed capacitance in the load.
During internal PWM operation, at the end of the off
time, the comparator’s output is blanked and C
T begins to
be charged from approximately 1.1 V by an internal current
source of approximately 1 mA. The comparator output
remains blanked until the voltage on C
T reaches approxi-
mately 3.0 volts.
Similarly, when a transition of the PHASE input occurs,
C
T is discharged to near ground during the crossover delay
time (the crossover delay time is present to prevent
simultaneous conduction of the source and sink drivers).
After the crossover delay, C
T is charged by an internal
current source of approximately 1 mA. The comparator
output remains blanked until the voltage on C
T reaches
approximately 3.0 volts.
Similarly, when the device is disabled via the ENABLE
input, C
T is discharged to near ground. When the device is
re-enabled, C
T is charged by the internal current source.
The comparator output remains blanked until the voltage
on C
T reaches approximately 3.0 V.
For most applications, the minimum recommended
value is C
T = 820 pF ±5 %. This value ensures that the
blanking time is sufficient to avoid false trips of the com-
parator under normal operating conditions. For optimal
regulation of the load current, the above value for C
T is
recommended and the value of R
T can be sized to deter-
mine t
off. For more information regarding load current
regulation, see below.
LOAD CURRENT REGULATION WITH THE INTERNAL
PWM CURRENT-CONTROL CIRCUITRY
During operation, the A3951S– have a lower limit to
the range of PWM current control. This directly relates to
the limitations imposed by the V
REF input (2.0 V, minimum).
Applications requiring a broader or full range (
≈0% to
100%) should utilize the A3952S–, which are recom-
mended for the improvements they bring to new designs.
LOAD CURRENT REGULATION WITH EXTERNAL
PWM OF THE PHASE OR ENABLE INPUTS
The PHASE or ENABLE inputs can be pulse-width
modulated to regulate load current. Typical propagation
delays from the PHASE and ENABLE inputs to transitions
of the power outputs are specified in the electrical charac-
teristics table. If the normal PWM current control is used,
then the comparator blanking function is active during
phase and enable transitions. This eliminates false
tripping of the over-current comparator caused by switch-
ing transients (see “RC Blanking” above).


Similar Part No. - A3951SW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
   DMOS Full-Bridge Motor Driver
November 4, 2005
A3950 ALLEGRO-A3950 Datasheet
530Kb / 12P
   DMOS Full-Bridge Motor Driver
logo
3M Electronics
A3950-0000T 3M-A3950-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-0010T 3M-A3950-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-2000T 3M-A3950-2000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
More results

Similar Description - A3951SW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
   FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
   FULL-BRIDGE PWM MOTOR DRIVER
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
   Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
   Full-Bridge PWM Motor Driver
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
   Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
   Full-Bridge PWM Motor Driver
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
   FULL-BRIDGE PWM MOTOR DRIVER
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
   Full-bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com