Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7B4250QDBVQ1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7B4250QDBVQ1
Description  Low-Dropout Voltage-Tracking LDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7B4250QDBVQ1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7B4250QDBVQ1 Datasheet HTML 5Page - Texas Instruments TPS7B4250QDBVQ1 Datasheet HTML 6Page - Texas Instruments TPS7B4250QDBVQ1 Datasheet HTML 7Page - Texas Instruments TPS7B4250QDBVQ1 Datasheet HTML 8Page - Texas Instruments TPS7B4250QDBVQ1 Datasheet HTML 9Page - Texas Instruments TPS7B4250QDBVQ1 Datasheet HTML 10Page - Texas Instruments TPS7B4250QDBVQ1 Datasheet HTML 11Page - Texas Instruments TPS7B4250QDBVQ1 Datasheet HTML 12Page - Texas Instruments TPS7B4250QDBVQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
VIN
ADJ
VOUT
GND
TPS7B4250-Q1
VO
TPS7A6650-Q1
GND
10 µF
22 µF
CT
PG
EN
10 µF
2.2 µF
Sensor
ADC
Vbat
MCU I/O
TPS7B4250-Q1
www.ti.com
SLVSCA0A – OCTOBER 2013 – REVISED NOVEMBER 2013
Tracking Regulator with ENABLE Circuit
By pulling the reference voltage of the device below 0.8 V, the IC disables and enters a sleep state where the
device draws 7.5 µA (typical) from the power supply. In a real application, the reference voltage is generally
sourced from another LDO voltage rail. A case where the device must be disabled without a shutdown of the
reference voltage can occur. In such case, the device can be configured as shown in Figure 18. The
TPS7A6650-Q1 device is a 150-mA LDO with ultra-low quiescent current that is used as a reference voltage to
the TPS7B4250-Q1 device and also as a power supply to the ADC. In a configuration as shown in Figure 18, the
status of the device is controlled by an MCU I/O.
Figure 18. Tracking LDO With Enable Circuit
External Capacitors
An input capacitor, CI, is recommended to buffer line influences. Connect the capacitors close to the IC
terminals.
The output capacitor for the TPS7B4250-Q1 device is required for stability. Without the output capacitor, the
regulator oscillates. The actual size and type of the output capacitor can vary based on the application load and
temperature range. The effective series resistance (ESR) of the capacitor is also a factor in the IC stability. The
worst case is determined at the minimum ambient temperature and maximum load expected. To ensure stability
of TPS7B4250-Q1 device, the device requires an output capacitor between 1 µF and 50 µF with an ESR range
between 0.001
Ω and 20 Ω that can cover most types of capacitor ESR variation under the recommend operating
conditions. As a result, the output capacitor selection is flexible.
The capacitor must also be rated at all ambient temperature expected in the system. To maintain regulator
stability down to –40°C, use a capacitor rated at that temperature.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS7B4250-Q1


Similar Part No. - TPS7B4250QDBVQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B4250-Q1 TI-TPS7B4250-Q1_15 Datasheet
915Kb / 23P
[Old version datasheet]   TPS7B4250-Q1 Low-Dropout Voltage-Tracking LDO
More results

Similar Description - TPS7B4250QDBVQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7B4250-Q1 TI-TPS7B4250-Q1_15 Datasheet
915Kb / 23P
[Old version datasheet]   TPS7B4250-Q1 Low-Dropout Voltage-Tracking LDO
TPS7B4253-Q1 TI1-TPS7B4253-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
logo
Infineon Technologies A...
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
   Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
IFX21401 INFINEON-IFX21401 Datasheet
1Mb / 17P
   Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
logo
ON Semiconductor
NCV4250-2C ONSEMI-NCV4250-2C Datasheet
101Kb / 10P
   Low Dropout Voltage Tracking Regulator
October, 2017 ??Rev. 0
NCV4254C ONSEMI-NCV4254C Datasheet
192Kb / 14P
   Low Dropout Voltage Tracking Regulator
November, 2018 ??Rev. 0
logo
Texas Instruments
TPS7B4253-Q1 TI-TPS7B4253-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS7B4253-Q1 300-mA 40-V Low-Dropout Voltage-Tracking LDO With 4-mV Tracking Tolerance
logo
Infineon Technologies A...
TLE4254 INFINEON-TLE4254 Datasheet
473Kb / 21P
   High Accuracy Low Dropout Voltage Tracking Regulator
Rev. 1.2, 2009-11-18
logo
First Components Intern...
FC2129 FCI-FC2129 Datasheet
670Kb / 6P
   CMOS Low Dropout Voltage ( LDO ) Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com