Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1020 Datasheet(PDF) 11 Page - Actel Corporation

Part # A1020
Description  5V and 3.3V Families fully compatible with JEDEC specifications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1020 Datasheet(HTML) 11 Page - Actel Corporation

Back Button A1020 Datasheet HTML 7Page - Actel Corporation A1020 Datasheet HTML 8Page - Actel Corporation A1020 Datasheet HTML 9Page - Actel Corporation A1020 Datasheet HTML 10Page - Actel Corporation A1020 Datasheet HTML 11Page - Actel Corporation A1020 Datasheet HTML 12Page - Actel Corporation A1020 Datasheet HTML 13Page - Actel Corporation A1020 Datasheet HTML 14Page - Actel Corporation A1020 Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1-293
ACT 1 Series FPGAs
Timing Derating
A best case timing derating factor of 0.45 is used to reflect
best case processing. Note that this factor is relative to the
“standard speed” timing parameters, and must be multiplied
by the appropriate voltage and temperature derating factors
for a given application.
Timing Derating Factor (Temperature and Voltage)
Industrial
Military
Min.
Max.
Min.
Max.
(Commercial Minimum/Maximum Specification) x
0.69
1.11
0.67
1.23
Timing Derating Factor for Designs at Typical Temperature (T J = 25°C) and
Voltage (5.0 V)
(Commercial Maximum Specification) x
0.85
Temperature and Voltage Derating Factors
(normalized to Worst-Case Commercial, T J = 4.75 V, 70°C)
–55
–40
0
25
70
85
125
4.50
0.75
0.79
0.86
0.92
1.06
1.11
1.23
4.75
0.71
0.75
0.82
0.87
1.00
1.05
1.16
5.00
0.69
0.72
0.80
0.85
0.97
1.02
1.13
5.25
0.68
0.69
0.77
0.82
0.95
0.98
1.09
5.50
0.67
0.69
0.76
0.81
0.93
0.97
1.08
Note:
This derating factor applies to all routing and propagation delays.
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
4.50
4.75
5.00
5.25
5.50
Voltage (V)
125°C
85°C
70°C
25°C
0°C
–40°C
–55°C
Junction Temperature and Voltage Derating Curves
(normalized to Worst-Case Commercial, TJ = 4.75 V, 70°C)


Similar Part No. - A1020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1020 ETC1-A1020 Datasheet
179Kb / 1P
   Silicon PNP Epitaxial Transistor
logo
Actel Corporation
A1020 ACTEL-A1020 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
logo
SeCoS Halbleitertechnol...
A1020 SECOS-A1020 Datasheet
306Kb / 2P
   PNP Plastic-Encapsulated Transistor
logo
List of Unclassifed Man...
A1020-2R5105-R ETC2-A1020-2R5105-R Datasheet
178Kb / 2P
   Supercapacitors
logo
Cooper Bussmann, Inc.
A1020-2R5105-R COOPER-A1020-2R5105-R Datasheet
105Kb / 2P
   Supercapacitors
More results

Similar Description - A1020

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908KX2MDWE FREESCALE-MC908KX2MDWE Datasheet
1Mb / 210P
   High-performance M68HC08 architecture, Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
logo
Murata Manufacturing Co...
7825335C MURATA-7825335C Datasheet
525Kb / 5P
   MAX253 Compatible Converter Transformers 3.3V and 5V versions
logo
Dallas Semiconductor
DS1814 DALLAS-DS1814 Datasheet
146Kb / 8P
   5V and 3.3V MicroMonitor
logo
Maxim Integrated Produc...
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
   5V and 3.3V MicroMonitor
122001
logo
ATMEL Corporation
AT27BV4096 ATMEL-AT27BV4096_14 Datasheet
324Kb / 14P
   Pin Compatible with JEDEC Standard AT27C4096
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
logo
Xilinx, Inc
XCR22V10 XILINX-XCR22V10 Datasheet
208Kb / 14P
   Function/JEDEC map compatible with Bipolar
logo
Texas Instruments
TMS29F010 TI1-TMS29F010_08 Datasheet
461Kb / 36P
[Old version datasheet]   Compatible With JEDEC Byte-Wide Pinouts
logo
Broadcom Corporation.
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
Exar Corporation
XR16C2850 EXAR-XR16C2850 Datasheet
611Kb / 43P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com