Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDM2-CF-iMX6D10-BW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EDM2-CF-iMX6D10-BW
Description  EDM Type 2 Compact Form Factor Freescale i.MX6 System on Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EDM2-CF-iMX6D10-BW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EDM2-CF-iMX6D10-BW Datasheet HTML 1Page - List of Unclassifed Manufacturers EDM2-CF-iMX6D10-BW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EDM2-CF-iMX6
EDM Type 2 Compact Form Factor
Freescale i.MX6 System on Module
Dimensions
units in mm
I/O
Storage
1x SATA 2.0 (Dual / Quad only)
1x SDIO/ MMC
Expansion
1x PCIe 2.0
Display
HMDI v1.4
2 channel LVDS 18/24 bit
USB
USB Host 2.0
USB OTG 2.0
CAN Bus
2x Flex CAN
version 2.0B compliant
Serial Port
2x UART
Other
SPI, I2C, GPIO
Power Specifications
Input Power
5 VDC
Operating Systems
Standard Support
Linux
Android
Extended Support
Commercial Linux
Windows Embedded Compact 7
Real Time OS
Core System
Signalling
EDM Type 2 compliant
CPU
Freescale i.MX6Quad @1.0GHz
Freescale i.MX6Dual @1.0 GHz
Freescale i.MX6DualLite @1.0 GHz
Freescale i.MX6Solo @1.0 GHz
System Memory
up to 2GB DDR3
Storage
eMMC / iNAND
or optional NAND Flash
Debug Interface
JTAG Interface
FPC Connector
MIPI interface camera
MIPI interface DSI display
Connectivity
Network
Atheros AR8031 Gigabit LAN
Wireless LAN
Broadcom BCM4330
802.11 b/g/n @ 2.4 Ghz
Bluetooth
Bluetooth v. 4.0
Audio
Interface
I2S (1 channel), S/PDIF
Audio Codec
on EDM Carrier Board
Video
Solo / DualLite
Dual / Quad
GPU 3D
Vivante GC880
Vivante GC2000
35Mtri/s 266Mpxl/s
200Mtri/s
Open GL ES 2.0
1000Mpxl/s,
OpenGL ES 2.0
& Halti, CL EP
GPU 2D
emulated on
Vivante GC355
(Vector Graphics)
GPU 3D
300Mpxl/s,
OpenVG 1.1
GPU 2D
Vivante GC320
Vivante GC320
(Composition)
600Mpxl/s, BLIT
600Mpxl/s, BLIT
Video Decode
1080p30 + D1
1080p60 H.264
Video Encode
1080p30 H.264
1080p30 H.264
BP/ Dual 720p
BP/ Dual 720p
edm
2
Mechanical and Environmental
Temperature
Commercial: 0° to 60° C
Extended: -20° to 70° C
* Industrial: -40° to 85° C
(
* = no wifi, no eMMC)
Humidity
10-90%
Module Connector
314 pins MXM3
Form Factor
EDM Compact Form Factor
Dimensions
82 x 60 mm
(3⅝ x 2⅜ inch)
MTBF
>100,000 hours
Weight
20 grams
Shock
50G / 25ms
Vibration
20G / 0-600 Hz
Ordering Information
EDM2-CF-iMX6Q10-BW
Freescale i.MX6 Quad core EDM Compact Type 2 with WiFi and Bluetooth
EDM2-CF-iMX6Q10
Freescale i.MX6 Quad core EDM Compact Type 2
EDM2-CF-iMX6D10-BW
Freescale i.MX6 Dual core EDM Compact Type 2 with WiFi and Bluetooth
EDM2-CF-iMX6D10
Freescale i.MX6 Dual core EDM Compact Type 2
EDM2-CF-iMX6U10-BW
Freescale i.MX6 DualLite core EDM Compact Type 2 with WiFi and Bluetooth
EDM2-CF-iMX6U10
Freescale i.MX6 DualLite core EDM Compact Type 2
EDM2-CF-iMX6S10-BW
Freescale i.MX6 Single core EDM Compact Type 2 with WiFi and Bluetooth
EDM2-CF-iMX6S10
Freescale i.MX6 Single core EDM Compact Type 2
Optional Accessories
EDM-C-Bracket
EDM compact Carrier Board mount bracket
HSP-EDM-C-10W
EDM passive heatsink
HS-EDM-CF-iMX6
EDM-CF-i.MX6 compatible heatspreader
Feel free to contact us for custom tailored Carrier Board request for your projects.
ARM Cortex-A9 Freescale i.MX6 scalable
single/dual/quad core EDM type 2 compact
System-on-Module
Communication by gigabit LAN, WiFi 802.11 b/g/n
and Bluetooth v.4.0
Targeting multimedia applications with
dual channel LVDS,HDMI, S/PDIF, I2S,
MIPI camera and display.
Wifi
802.11n
Wifi
802.11n
Freescale i.MX-6
Cortex A9
314 pin EDM connector
2Gbit
DDR3
NAND
Flash
4Gbit
Power
U.FL
SDIO /
MMC2
CAN
PHY
2Gbit
DDR3
2Gbit
DDR3
2Gbit
DDR3
SDIO
Local
bus
iNAND
Flash
4GByte
= SELECT OPTION
MIPI
Camera
& DSI
LAN
PHY
A
C
H
L
P
B
N
11
5
1
D
E
F
G
J
K
M
2
4
14
10
6
8
12
3
7
9
13
48
9
10
34
S
G
D
I
O
+
1
2
3
1
2
3
E2_1
2
124
134
AA
AE
AE
AA
1
82
75
M3
LVDS
SATA
1st
SD
SPI
x2
I2C
x2
UART
x2
Buttons
+ GPIO
RTC
RSVD
SATA
2nd
LAN
LVDS
HDMI
HDMI
PCIe
x1
PCIe
x4
USB
OTG
USB
Host
LPC
I2S
1st
HDA
SPDIF
CANBus
x2
Power
5 VDC


Similar Part No. - EDM2-CF-iMX6D10-BW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDM2-WIZARD-START ETC2-EDM2-WIZARD-START Datasheet
663Kb / 1P
   microATX Form Factor Carrier Board for EDM Type 2 System-on-Modules
EDM2-WIZARD-START ETC2-EDM2-WIZARD-START Datasheet
663Kb / 1P
   microATX Form Factor Carrier Board for EDM Type 2 System-on-Modules
More results

Similar Description - EDM2-CF-iMX6D10-BW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EDM1-CF-IMX6 ETC2-EDM1-CF-IMX6 Datasheet
630Kb / 2P
   EDM Type 1 Compact Form Factor Freescale i.MX6 System on Module
EDM2-WIZARD-START ETC2-EDM2-WIZARD-START Datasheet
663Kb / 1P
   microATX Form Factor Carrier Board for EDM Type 2 System-on-Modules
WIZARD ETC2-WIZARD Datasheet
663Kb / 1P
   microATX Form Factor Carrier Board for EDM Type 2 System-on-Modules
FAIRY ETC2-FAIRY Datasheet
669Kb / 1P
   3.5 Form Factor Carrier Board for EDM Type 1 System-on-Modules
logo
Advantech Co., Ltd.
UBC-220 ADVANTECH-UBC-220_15 Datasheet
438Kb / 2P
   Freescale i.MX6 RISC Compact Box Computer
UBC-220 ADVANTECH-UBC-220 Datasheet
445Kb / 2P
   Freescale i.MX6 RISC Compact Box Computer
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
   compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com