Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM-500A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TCM-500A
Description  5MP Camera Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TCM-500A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TCM-500A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: +886-2-8227-3585
E-mail: sales@technexion.com
Web:
http://www.technexion.com
TCM-500A
5MP Camera Module
5MP camera module which clicks in our
standard camera interface on our development
kits (blizzard).
Already integrated into our TDM-3730 linux
source driver package.
M12 lens holder which gives you choice to pick
from a wide variety of standard lenses available
in the market.
Dimensions
units in mm
Order Information
TCM-500A
5MP camera module
with M12 screw mountable lens
Feel free to contact us for custom tailored interface
board request for your projects.
2
1
Specifications
Camera Sensor
5MP Aptina MT9P031 (
2)
Interfaces
Connectors
34 pin connector (
1) that clicks
into TechNexion baseboards
Environmental and Mechanical
Temperature
Commercial: 0° to 70° C
Humidity
10-90%
Dimensions
38.2 x 43.9 mm
(1½ x 1¾ inch)
MTBF
>100,000 hours
Weight
10 grams
Shock
50G / 25ms
Vibration
20G / 0-600 Hz
38.2
32.5
Ø3


Similar Part No. - TCM-500A

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
TCM-1000-24 SLPOWER-TCM-1000-24 Datasheet
125Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
TCM-1000-28 SLPOWER-TCM-1000-28 Datasheet
125Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
TCM-1000-48 SLPOWER-TCM-1000-48 Datasheet
125Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
logo
List of Unclassifed Man...
TCM-3185 ETC1-TCM-3185 Datasheet
53Kb / 2P
   TM0127AAA6
More results

Similar Description - TCM-500A

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CMV-61CX MITSUMI-CMV-61CX Datasheet
46Kb / 2P
   Camera module
logo
List of Unclassifed Man...
UCAM-II ETC2-UCAM-II Datasheet
1Mb / 22P
   Serial Camera Module
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
   VGA CAMERA MODULE
logo
Mitsumi Electronics, Co...
CAM-G95 MITSUMI-CAM-G95 Datasheet
633Kb / 2P
   Camera Module Connectors
CAM-F9 MITSUMI-CAM-F9 Datasheet
499Kb / 2P
   Camera Module Connectors
logo
Cypress Semiconductor
ACM100 CYPRESS-ACM100 Datasheet
338Kb / 20P
   Automotive Camera Module
logo
List of Unclassifed Man...
MUC201 ETC2-MUC201 Datasheet
109Kb / 1P
   Color Camera Module
logo
STMicroelectronics
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
   QXGA EDOF camera module
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
   VGA Mobile Camera Module
logo
Leopard Imaging Inc.
LI-USB30-C570X LEOPARD-LI-USB30-C570X Datasheet
164Kb / 2P
   USB 3.0 Camera Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com