Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1425A-1PG133B Datasheet(PDF) 2 Page - Actel Corporation

Part # A1425A-1PG133B
Description  Highly Predictable Performance with 100% Automatic Placement and Routing
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1425A-1PG133B Datasheet(HTML) 2 Page - Actel Corporation

  A1425A-1PG133B Datasheet HTML 1Page - Actel Corporation A1425A-1PG133B Datasheet HTML 2Page - Actel Corporation A1425A-1PG133B Datasheet HTML 3Page - Actel Corporation A1425A-1PG133B Datasheet HTML 4Page - Actel Corporation A1425A-1PG133B Datasheet HTML 5Page - Actel Corporation A1425A-1PG133B Datasheet HTML 6Page - Actel Corporation A1425A-1PG133B Datasheet HTML 7Page - Actel Corporation A1425A-1PG133B Datasheet HTML 8Page - Actel Corporation A1425A-1PG133B Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 98 page
background image
2
H i g h -R e lia b i lity, L o w -R is k S o lu t i o n
Actel builds the most reliable field programmable gate arrays
(FPGAs) in the industry, with overall antifuse reliability
ratings
of
less
than
10
Failures-In-Time
(FITs),
corresponding to a useful life of more than 40 years. Actel
FPGAs have been production proven, with more than five
million devices shipped and more than one trillion antifuses
manufactured. Actel devices are fully tested prior to
shipment, with an outgoing defect level of less than 100 ppm.
(Further reliability data is available in the Actel Device
Reliability Report, at http://www.actel.com/hirel).
Be ne f i t s
Mi ni m i zed C o s t Ri s k
With Actel’s line of development tools, designers can produce
as many chips as they choose for just the cost of the device
itself. There will be no NRE charges to cut into the
development budget each time a new design is tried.
Mi ni m i zed T i m e R i s k
After the design is entered, placement and routing is
automatic, and programming the device takes only about 5 to
15 minutes for an average design. Designers save time in the
design entry process by using tools with which they are
familiar.
Mi ni m i zed R e l i abi l i ty R i s k
The PLICE antifuse is a one-time programmable, nonvolatile
connection.
Since
Actel
devices
are
permanently
programmed, no downloading from EPROM or SRAM storage
is required. Inadvertent erasure is impossible, and there is no
need to reload the program after power disruptions.
Fabrication using a low-power CMOS process means cooler
junction temperatures. Actel’s non-PLD architecture delivers
lower dynamic operating current. Our reliability tests show a
very low failure rate of 6.6 FITs at 90°C junction temperature
with no degradation in AC performance. Special stress testing
at wafer test eliminates infant mortalities prior to packaging.
M i ni m i zed S ecu ri ty R i s k
Reverse engineering of programmed Actel devices from
optical or electrical data is extremely difficult. Programmed
antifuses cannot be identified from a photograph or by using
an SEM. The antifuse map cannot be deciphered either
electrically or by microprobing. Each device has a silicon
signature that identifies its origins, down to the wafer lot and
fabrication facility.
M i ni m i zed T e s ti ng Ri s k
Unprogrammed Actel parts are extensively tested at the
factory. Routing tracks, logic modules, and programming,
debug and test circuits are 100 percent tested before
shipment. AC performance is ensured by special speed path
tests, and programming circuitry is verified on test antifuses.
During the programming process, an algorithm is run to
ensure that all antifuses are correctly programmed. In
addition, Actel’s Silicon Explorer diagnostic tool uses
ActionProbe circuitry, allowing 100 percent observability of
all internal nodes to check and debug the design.
Act e l F P GA D e s c r i pt i o n
The Actel families of FPGAs offer a variety of packages,
speed/performance characteristics, and processing levels for
use in all high reliability and military applications. Devices
are implemented in a silicon gate, two-level metal CMOS
process, utilizing Actel’s PLICE antifuse technology. This
P r o d u c t F a m ily P r o f ile
Family
ACT 2
ACT 1
Device
A1240A
A1280A
A1010B
A1020B
Capacity
System Gates
Logic Gates
SRAM Bits
6,000
4,000
NA
12,000
8,000
NA
1,800
1,200
NA
3,000
2,000
NA
Logic Modules
S-Modules
C-Modules
Decode
684
348
336
NA
1,232
624
608
NA
295
295
NA
547
547
NA
Flip-Flops (maximum)
568
998
147
273
User I/Os (maximum)
104
140
57
69
Packages (by pin count)
CPGA
CQFP
132
176
172
84
84
84
Performance
System Speed (maximum)
40 MHz
40 MHz
20 MHz
20 MHz


Similar Part No. - A1425A-1PG133B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1425A-1PG133B ACTEL-A1425A-1PG133B Datasheet
1Mb / 98P
   HiRel FPGAs
More results

Similar Description - A1425A-1PG133B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A10V20B-PL84C ACTEL-A10V20B-PL84C Datasheet
1Mb / 98P
   Highly Predictable Performance with 100 Automatic Placement and Routing
A1020B-PL44C ACTEL-A1020B-PL44C Datasheet
1Mb / 98P
   Highly Predictable Performance with Automatic Placement and Routing
logo
Everlight Electronics C...
EAST16086GA7 EVERLIGHT-EAST16086GA7 Datasheet
332Kb / 9P
   Compatible with automatic placement equipment.
EASRL3216GA3 EVERLIGHT-EASRL3216GA3 Datasheet
909Kb / 11P
   Compatible with automatic placement equipment.
EASR3216BA3 EVERLIGHT-EASR3216BA3 Datasheet
934Kb / 9P
   Compatible with automatic placement equipment.
EASV1810RA1 EVERLIGHT-EASV1810RA1 Datasheet
414Kb / 10P
   Compatible with automatic placement equipment.
EASV2010RGA1 EVERLIGHT-EASV2010RGA1 Datasheet
453Kb / 13P
   Compatible with automatic placement equipment.
EASV1706YA0 EVERLIGHT-EASV1706YA0 Datasheet
371Kb / 10P
   Compatible with automatic placement equipment.
EASV3015BA2 EVERLIGHT-EASV3015BA2 Datasheet
263Kb / 10P
   Compatible with automatic placement equipment.
EASV3015RGBA4 EVERLIGHT-EASV3015RGBA4 Datasheet
695Kb / 13P
   Compatible with automatic placement equipment.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com